Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCMB1 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 43Page - STMicroelectronics STCMB1 Datasheet HTML 44Page - STMicroelectronics STCMB1 Datasheet HTML 45Page - STMicroelectronics STCMB1 Datasheet HTML 46Page - STMicroelectronics STCMB1 Datasheet HTML 47Page - STMicroelectronics STCMB1 Datasheet HTML 48Page - STMicroelectronics STCMB1 Datasheet HTML 49Page - STMicroelectronics STCMB1 Datasheet HTML 50Page - STMicroelectronics STCMB1 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
DocID028958 Rev 4
47/59
STCMB1
Application information
59
The operation of the converter in the overload is limited in time by a mechanism based on a
pair of internal counters: one is a modulo 128 cyclical counter, clocked by the switching
frequency of the LLC, and the other is a modulo 20 K counter, clocked by the internal
reference at about 1 MHz. The first OCP1 event (first time Visen_hb
800 mV, typ.) turns on
the two counters.
If a second OCP1 event occurs within 128 cycles of the LLC from the first OCP1 event, then
the cyclical counter is reset and restarted, while the modulo 20 K is left free running on its
clock.
If no OCP1 event occurs within 128 cycles of the LLC from the last OCP1 events, that is the
cyclical, the counter reaches its EoC, then the value of the modulo 20 K counter is
decreased of 32 and frozen.
The value of the modulo 20 K counter is decreased of 32 and frozen, each time the modulo
128 cyclical counter reaches its EoC (no OCP1 event within 128 cycles of the LLC from the
last EoC). When the value of the modulo 20 K
counter reaches 0 (because of consecutive
decrements), the modulo 128 cyclical counter is reset and stopped.
Conversely, when an OCP1 event occurs while the modulo 20 K counter is frozen (OCP1
event occurring within 128 cycles of the LLC from the last EoC), its counting is restarted and
the modulo 128 cyclical counter is reset. When the modulo 20 K counter reaches its EoC, a
soft-stop procedure is activated (and the counters are reset and stopped).
The soft-stop procedure consists of a controlled turn-off of the LLC stage in 128 cycles: the
soft-start capacitor is completely discharged to increase the switching frequency so that the
energy in the resonant tank is minimized. After the shutdown, the adapter will be driven by
the natural discharge and recharge by the HVSU of the VCC pin. If the overload condition is
permanent, then the adapter will operate in the hiccup mode.
In practice, the modulo 20 K counter will reach its EoC in 20 ms (18 ms min.) in case of the
output short-circuit, if the latter does not trigger the OCP2, or when the overload is above a
certain current level and/or time length.
Waveforms of the converter operation at the first shutdown by the soft-stop procedure and
during the hiccup mode are given in Figure 29. Detailed operation is described below
Figure 29.
Figure 29. Hiccup mode operation during OVL and detail of current limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com