Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 107 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 107 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 103Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 104Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 105Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 106Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 107Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 108Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 109Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 110Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 111Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 107 of 129
Figure 11-69. Synchronous Read Cycle Timing
EM_Addr
EM_CEn
EM_OEn
EM_Data
EM_ Clock
Address
EM_ ADSCn
Tcp/2
Tceld
Taddrv
Tcehd
Taddriv
Toehd
Toeld
Tds
Tadscld
Tadschd
Data
Note
47. Limited by GPIO output frequency, see Table 11-10 on page 74.
Table 11-68. Synchronous Read Cycle Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
T
EMIF clock period[47]
Vdda
≥ 3.3 V
30.3
–
–
nS
Tcp/2
EM_Clock pulse high
T/2
–
–
nS
Tceld
EM_CEn low to EM_Clock high
5
–
–
nS
Tcehd
EM_Clock high to EM_CEn high
T/2 – 5
–
–
nS
Taddrv
EM_Addr valid to EM_Clock high
5
–
–
nS
Taddriv
EM_Clock high to EM_Addr invalid
T/2 – 5
–
–
nS
Toeld
EM_OEn low to EM_Clock high
5
–
–
nS
Toehd
EM_Clock high to EM_OEn high
T
–
–
nS
Tds
Data valid before EM_OEn high
T + 15
–
–
nS
Tadscld
EM_ADSCn low to EM_Clock high
5
–
–
nS
Tadschd
EM_Clock high to EM_ADSCn high
T/2 – 5
–
–
nS
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com