Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 67Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 68Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 69Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 70Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 71Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 72Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 73Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 74Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 71 of 129
Figure 11-8. Efficiency vs VOUT
IOUT = 30 mA, VBAT ranges from 0.7 V to VOUT, LBOOST = 22 µH
Figure 11-9. Efficiency vs VBAT
IOUT = 30 mA, VOUT = 3.3 V, LBOOST = 22 µH
Table 11-7. Inductive Boost Regulator AC Specifications
Unless otherwise specified, operating conditions are: VBAT = 2.4 V, VOUT = 2.7 V, IOUT = 40 mA, FSW = 400 kHz, LBOOST = 10 µH,
CBOOST = 22 µF || 0.1 µF.
Parameter
Description
Conditions
Min
Typ
Max
Units
VRIPPLE
Ripple voltage
(peak-to-peak)
VOUT = 1.8 V, FSW = 400 kHz, IOUT = 10 mA
–
–
100
mV
FSW
Switching frequency
–
0.1,0.4,
or 2
–MHz
Table 11-8. Recommended External Components for Boost Circuit
Parameter
Description
Conditions
Min
Typ
Max
Units
LBOOST
Boost inductor
4.7
10
47
µH
CBOOST
Filter capacitor[29]
10
22
47
µF
IF
External Schottky diode
average forward current
External Schottky diode is required for
VOUT > 3.6 V
1–
–
A
VR
20
–
–
V
Note
29. Based on device characterization (Not production tested).
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com