Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 88 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 88 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 84Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 85Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 86Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 87Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 88Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 89Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 90Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 91Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 92Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 88 of 129
11.2.6 Current Digital-to-analog Converter (IDAC)
See the IDAC component data sheet in PSoC Creator for full electrical specifications and APIs.
Unless otherwise specified, all charts and graphs show typical values.
VICM
Input common mode voltage
High current / fast mode
VSSA
–VDDA – 0.1
V
Low current / slow mode
VSSA
–VDDA
V
Ultra low power mode
VSSA
–VDDA – 0.9
V
CMRR
Common mode rejection ratio
–
50
–
dB
ICMP
High current mode/fast mode[42]
––
400
µA
Low current mode/slow mode[42]
––
100
µA
Ultra low-power mode[42]
–6
–
µA
Table 11-29. Comparator DC Specifications (continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
Table 11-30. Comparator AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
TRESP
Response time, high current
mode[42]
50 mV overdrive, measured
pin-to-pin
–
75
110
ns
Response time, low current
mode[42]
50 mV overdrive, measured
pin-to-pin
–
155
200
ns
Response time, ultra low-power
mode[42]
50 mV overdrive, measured
pin-to-pin
–55
–
µs
Table 11-31. IDAC DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Resolution
–
–
8
bits
IOUT
Output current at code = 255
Range = 2.048 mA, code = 255,
VDDA ≥ 2.7 V, Rload = 600 Ω
–2.048
–
mA
Range = 2.048 mA, High mode,
code = 255, VDDA ≤ 2.7 V, Rload =
300
Ω
–2.048
–
mA
Range = 255 µA, code = 255, Rload
= 600
Ω
–255
–
µA
Range = 31.875 µA, code = 255,
Rload = 600
Ω
–
31.875
–
µA
Monotonicity
–
–
Yes
Ezs
Zero scale error
–
0
±1
LSB
Eg
Gain error
Range = 2.048 mA, 25 °C
–
–
±2.5
%
Range = 255 µA, 25 ° C
–
–
±2.5
%
Range = 31.875 µA, 25 ° C
–
–
±3.5
%
TC_Eg
Temperature coefficient of gain
error
Range = 2.048 mA
–
–
0.04
% / °C
Range = 255 µA
–
–
0.04
% / °C
Range = 31.875 µA
–
–
0.05
% / °C
Note
42. Based on device characterization (Not production tested).
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com