Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 82Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 83Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 84Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 85Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 86Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 87Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 88Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 89Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 86 of 129
Table 11-23. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 16-bit, Internal Reference, Single Ended
Sample rate,
Input Voltage Range
sps
0 to VREF
0 to VREF x 2
VSSA to VDDA
0 to VREF x 6
2000
1.21
1.02
1.14
0.99
3000
1.28
1.15
1.25
1.22
6000
1.36
1.22
1.38
1.22
12000
1.44
1.33
1.43
1.40
24000
1.67
1.50
1.43
1.53
48000
1.91
1.60
1.85
1.67
Table 11-24. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 16-bit, Internal Reference, Differential
Sample rate,
Input Voltage Range
sps
±VREF
±VREF / 2
±VREF / 4
±VREF / 8
±VREF / 16
2000
0.56
0.65
0.74
1.02
1.77
4000
0.58
0.72
0.81
1.10
1.98
8000
0.53
0.72
0.82
1.12
2.18
15625
0.58
0.72
0.85
1.13
2.20
32000
0.60
0.76
INVALID OPERATING REGION
43750
0.58
0.75
48000
0.59
Table 11-25. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 20-bit, External Reference, Single Ended
Sample rate,
Input Voltage Range
sps
0 to VREF
0 to VREF x 2
VSSA to VDDA
0 to VREF x 6
8
1.28
1.24
6.02
0.97
23
1.33
1.28
6.09
0.98
45
1.77
1.26
6.28
0.96
90
1.65
0.91
6.84
0.95
187
1.87
1.06
7.97
1.01
Table 11-26. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 20-bit, External Reference, Differential
Sample rate, sps
Input Voltage Range
±VREF
±VREF / 2
±VREF / 4
±VREF / 8
±VREF / 16
8
0.70
0.84
1.02
1.40
2.65
11.3
0.69
0.86
0.96
1.40
2.69
22.5
0.73
0.82
1.25
1.77
2.67
45
0.76
0.94
1.02
1.76
2.75
61
0.75
1.01
1.13
1.65
2.98
170
0.75
0.98
INVALID OPERATING REGION
187
0.73
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com