Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 9Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 10Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 11Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 12Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 13Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 14Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 15Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 16Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 13 of 129
4.3.1.3 Data Transfer Instructions
The data transfer instructions are of three types: the core RAM,
xdata RAM, and the lookup tables. The core RAM transfer
includes transfer between any two core RAM locations or SFRs.
These instructions can use direct, indirect, register, and
immediate addressing. The xdata RAM transfer includes only the
transfer between the accumulator and the xdata RAM location.
It can use only indirect addressing. The lookup tables involve
nothing but the read of program memory using the Indexed
addressing mode. Table 4-3 lists the various data transfer
instructions available.
4.3.1.4 Boolean Instructions
The 8051 core has a separate bit-addressable memory location.
It has 128 bits of bit addressable RAM and a set of SFRs that are
bit addressable. The instruction set includes the whole menu of
bit operations such as move, set, clear, toggle, OR, and AND
instructions and the conditional jump instructions. Table 4-4 lists
the available Boolean instructions.
ANL Direct, #data
AND immediate data to direct byte
3
3
ORL A,Rn
OR register to accumulator
1
1
ORL A,Direct
OR direct byte to accumulator
2
2
ORL A,@Ri
OR indirect RAM to accumulator
1
2
ORL A,#data
OR immediate data to accumulator
2
2
ORL Direct, A
OR accumulator to direct byte
2
3
ORL Direct, #data
OR immediate data to direct byte
3
3
XRL A,Rn
XOR register to accumulator
1
1
XRL A,Direct
XOR direct byte to accumulator
2
2
XRL A,@Ri
XOR indirect RAM to accumulator
1
2
XRL A,#data
XOR immediate data to accumulator
2
2
XRL Direct, A
XOR accumulator to direct byte
2
3
XRL Direct, #data
XOR immediate data to direct byte
3
3
CLR A
Clear accumulator
1
1
CPL A
Complement accumulator
1
1
RL
A
Rotate accumulator left
1
1
RLC A
Rotate accumulator left through carry
1
1
RR
A
Rotate accumulator right
1
1
RRC A
Rotate accumulator right though carry
1
1
SWAP A
Swap nibbles within accumulator
1
1
Table 4-2. Logical Instructions (continued)
Mnemonic
Description
Bytes
Cycles
Table 4-3. Data Transfer Instructions
Mnemonic
Description
Bytes
Cycles
MOV A,Rn
Move register to accumulator
1
1
MOV A,Direct
Move direct byte to accumulator
2
2
MOV A,@Ri
Move indirect RAM to accumulator
1
2
MOV A,#data
Move immediate data to accumulator
2
2
MOV Rn,A
Move accumulator to register
1
1
MOV Rn,Direct
Move direct byte to register
2
3
MOV Rn, #data
Move immediate data to register
2
2
MOV Direct, A
Move accumulator to direct byte
2
2
MOV Direct, Rn
Move register to direct byte
2
2
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com