Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 65 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 65 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 61Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 62Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 63Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 64Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 65Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 66Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 67Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 68Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 69Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 65 of 129
11.2 Device Level Specifications
Specifications are valid for –40 °C
≤ TA ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
11.2.1 Device Level Specifications
Table 11-2. DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VDDA
Analog supply voltage and input to analog
core regulator
Analog core regulator enabled
1.8
–
5.5
V
VDDA
Analog supply voltage, analog regulator
bypassed
Analog core regulator disabled
1.71
1.8
1.89
V
VDDD
Digital supply voltage relative to VSSD
Digital core regulator enabled
1.8
–
VDDA[19]
V
VDDD
Digital supply voltage, digital regulator
bypassed
Digital core regulator disabled
1.71
1.8
1.89
V
VDDIO[20]
I/O supply voltage relative to VSSIO
1.71
–
VDDA[19]
V
VCCA
Direct analog core voltage input (Analog
regulator bypass)
Analog core regulator disabled
1.71
1.8
1.89
V
VCCD
Direct digital core voltage input (Digital
regulator bypass)
Digital core regulator disabled
1.71
1.8
1.89
V
IDD[21]
Active Mode, VDD = 1.71 V–5.5 V
Bus clock off. Execute from CPU
instruction buffer. See “Flash Program
Memory” on page 21.
CPU at 3 MHz
T = –40 °C
–
–
–
mA
T = 25 °C
–
0.8
–
mA
T = 85 °C
–
–
–
mA
CPU at 6 MHz
T = –40 °C
–
–
–
mA
T = 25 °C
–
1.2
–
mA
T = 85 °C
–
–
–
mA
CPU at 12 MHz
T = –40 °C
–
–
–
mA
T = 25 °C
–
2.0
–
mA
T = 85 °C
–
–
–
mA
CPU at 24 MHz
T = –40 °C
–
–
–
mA
T = 25 °C
–
3.5
–
mA
T = 85 °C
–
–
–
mA
CPU at 48 MHz
T = –40 °C
–
–
–
mA
T = 25 °C
–
6.6
–
mA
T = 85 °C
–
–
–
mA
CPU at 62.6 MHz
T = –40 °C
–
–
–
mA
T = 25 °C
–
9.0
–
mA
T = 85 °C
–
–
–
mA
VDD = 3.3 V, T = 25 °C, IMO and bus clock
enabled, ILO = 1 kHz, CPU executing from
flash and accessing SRAM, all other
blocks off, all I/Os tied low.
CPU at 3 MHz
–
1.4
–
mA
CPU at 6 MHz
–
2.2
–
mA
CPU at 12 MHz
–
3.6
–
mA
CPU at 24 MHz
–
6.4
–
mA
CPU at 48 MHz
–
11.8
–
mA
CPU at 62.6 MHz
–
15.8
–
mA
Notes
19. The power supplies can be brought up in any sequence however once stable VDDA must be greater than or equal to all other supplies.
20. The VDDIO supply voltage must be greater than the maximum analog voltage on the associated GPIO pins. Maximum analog voltage on GPIO pin ≤ VDDIO ≤ VDDA.
21. The current consumption of additional peripherals that are implemented only in programmed logic blocks can be found in their respective data sheets, available in
PSoC Creator, the integrated design environment. To estimate total current, find CPU current at frequency of interest and add peripheral currents for your particular
system from the device data sheet and component data sheets.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com