Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 69Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 70Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 71Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 72Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 73Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 74Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 75Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 76Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 73 of 129
11.1 Inputs and Outputs
Specifications are valid for –40 °C
≤ TA ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted. Unless otherwise specified, all charts and graphs show typical values.
11.1.1 GPIO
Figure 11-13. GPIO Output High Voltage and Current
Figure 11-14. GPIO Output Low Voltage and Current
Note
30. Based on device characterization (Not production tested).
Table 11-9. GPIO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VIH
Input voltage high threshold
CMOS Input, PRT[×]CTL = 0
0.7
× VDDIO
––
V
VIL
Input voltage low threshold
CMOS Input, PRT[×]CTL = 0
–
–
0.3
× VDDIO
V
VIH
Input voltage high threshold
LVTTL Input, PRT[×]CTL = 1,
VDDIO < 2.7 V
0.7 × VDDIO
––
V
VIH
Input voltage high threshold
LVTTL Input, PRT[×]CTL = 1,
VDDIO ≥ 2.7V
2.0
–
–
V
VIL
Input voltage low threshold
LVTTL Input, PRT[×]CTL = 1,
VDDIO < 2.7 V
–
–
0.3 × VDDIO
V
VIL
Input voltage low threshold
LVTTL Input, PRT[×]CTL = 1,
VDDIO ≥ 2.7V
––
0.8
V
VOH
Output voltage high
IOH = 4 mA at 3.3 VDDIO
VDDIO – 0.6
–
–
V
IOH = 1 mA at 1.8 VDDIO
VDDIO – 0.5
–
–
V
VOL
Output voltage low
IOL = 8 mA at 3.3 VDDIO
––
0.6
V
IOL = 4 mA at 1.8 VDDIO
––
0.6
V
Rpullup
Pull-up resistor
3.5
5.6
8.5
k
Ω
Rpulldown Pull-down resistor
3.5
5.6
8.5
k
Ω
IIL
Input leakage current (absolute value)[30]
25 °C, VDDIO = 3.0 V
–
–
2
nA
CIN
Input capacitance[30]
GPIOs without opamp outputs
–
–
7
pF
GPIOs with opamp outputs
–
–
18
pF
VH
Input voltage hysteresis (Schmitt-Trigger)[30]
–40
–
mV
Idiode
Current through protection diode to VDDIO and
VSSIO
––
100
µA
Rglobal
Resistance pin to analog global bus
25 °C, VDDIO = 3.0 V
–
320
–
Ω
Rmux
Resistance pin to analog mux bus
25 °C, VDDIO = 3.0 V
–
220
–
Ω
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com