Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 7Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 8Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 9Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 10Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 11Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 12Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 13Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 14Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 11 of 129
TMS
JTAG test mode select programming and debug port connection.
USBIO, D+
Provides D+ connection directly to a USB 2.0 bus. May be used
as a digital I/O pin; it is powered from VDDD instead of from a
Vddio. Pins are Do Not Use (DNU) on devices without USB.
USBIO, D–
Provides D– connection directly to a USB 2.0 bus. May be used
as a digital I/O pin; it is powered from VDDD instead of from a
Vddio. Pins are Do Not Use (DNU) on devices without USB.
Vboost
Power sense connection to boost pump.
Vbat
Battery supply to boost pump.
Vcca
Output of analog core regulator and input to analog core.
Requires a 1-µF capacitor to VSSA. Regulator output not for
external use.
Vccd
Output of digital core regulator and input to digital core. The two
VCCD pins must be shorted together, with the trace between
them as short as possible, and a 1-µF capacitor to VSSD; see
Power System on page 29. Regulator output not for external use.
Vdda
Supply for all analog peripherals and analog core regulator.
Vdda must be the highest voltage present on the device. All
other supply pins must be less than or equal to Vdda.
Vddd
Supply for all digital peripherals and digital core regulator. Vddd
must be less than or equal to Vdda.
Vssa
Ground for all analog peripherals.
Vssb
Ground connection for boost pump.
Vssd
Ground for all digital logic and I/O pins.
Vddio0, Vddio1, Vddio2, Vddio3
Supply for I/O pins. Each Vddio must be tied to a valid operating
voltage (1.71 V to 5.5 V), and must be less than or equal to Vdda.
If the I/O pins associated with Vddio0, Vddio2, or Vddio3 are not
used then that Vddio should be tied to ground (Vssd or Vssa).
XRES (and configurable XRES)
External reset pin. Active low with internal pull-up. Pin P1[2] may
be configured to be a XRES pin; see “Nonvolatile Latches
(NVLs)” on page 22.
4. CPU
4.1 8051 CPU
The CY8C38 devices use a single cycle 8051 CPU, which is fully
compatible with the original MCS-51 instruction set. The
CY8C38 family uses a pipelined RISC architecture, which
executes most instructions in 1 to 2 cycles to provide peak
performance of up to 33 MIPS with an average of 2 cycles per
instruction. The single cycle 8051 CPU runs ten times faster than
a standard 8051 processor.
The 8051 CPU subsystem includes these features:
Single cycle 8051 CPU
Up to 64 KB of flash memory, up to 2 KB of EEPROM, and up
to 8 KB of SRAM
Programmable nested vector interrupt controller
DMA controller
Peripheral HUB (PHUB)
External memory interface (EMIF)
4.2 Addressing Modes
The following addressing modes are supported by the 8051:
Direct Addressing: The operand is specified by a direct 8-bit
address field. Only the internal RAM and the SFRs can be
accessed using this mode.
Indirect Addressing: The instruction specifies the register which
contains the address of the operand. The registers R0 or R1
are used to specify the 8-bit address, while the data pointer
(DPTR) register is used to specify the 16-bit address.
Register Addressing: Certain instructions access one of the
registers (R0 to R7) in the specified register bank. These
instructions are more efficient because there is no need for an
address field.
Register Specific Instructions: Some instructions are specific
to certain registers. For example, some instructions always act
on the accumulator. In this case, there is no need to specify the
operand.
Immediate Constants: Some instructions carry the value of the
constants directly instead of an address.
Indexed Addressing: This type of addressing can be used only
for a read of the program memory. This mode uses the Data
Pointer as the base and the accumulator value as an offset to
read a program memory.
Bit Addressing: In this mode, the operand is one of 256 bits.
4.3 Instruction Set
The 8051 instruction set is highly optimized for 8-bit handling and
Boolean operations. The types of instructions supported include:
Arithmetic instructions
Logical instructions
Data transfer instructions
Boolean instructions
Program branching instructions
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com