Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 21Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 22Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 23Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 24Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 25Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 26Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 27Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 28Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 25 of 129
INC DPTR
MOV DPTR, #data16
The extended data pointer SFRs, DPX0, DPX1, MXAX, and
P2AX, hold the most significant parts of memory addresses
during access to the xdata space. These SFRs are used only
with the MOVX instructions.
During a MOVX instruction using the DPTR0/DPTR1 register,
the most significant byte of the address is always equal to the
contents of DPX0/DPX1.
During a MOVX instruction using the R0 or R1 register, the most
significant byte of the address is always equal to the contents of
MXAX, and the next most significant byte is always equal to the
contents of P2AX.
I/O Port SFRs
The I/O ports provide digital input sensing, output drive, pin
interrupts, connectivity for analog inputs and outputs, LCD, and
access to peripherals through the DSI. Full information on I/O
ports is found in I/O System and Routing on page 33.
I/O ports are linked to the CPU through the PHUB and are also
available in the SFRs. Using the SFRs allows faster access to a
limited set of I/O port registers, while using the PHUB allows boot
configuration and access to all I/O port registers.
Each SFR supported I/O port provides three SFRs:
SFRPRTxDR sets the output data state of the port (where × is
port number and includes ports 0–6, 12 and 15).
The SFRPRTxSEL selects whether the PHUB PRTxDR
register or the SFRPRTxDR controls each pin’s output buffer
within the port. If a SFRPRTxSEL[y] bit is high, the
corresponding SFRPRTxDR[y] bit sets the output state for that
pin. If a SFRPRTxSEL[y] bit is low, the corresponding
PRTxDR[y] bit sets the output state of the pin (where y varies
from 0 to 7).
The SFRPRTxPS is a read only register that contains pin state
values of the port pins.
5.7.3.1 xdata Space
The 8051 xdata space is 24-bit, or 16 MB in size. The majority of
this space is not ‘external’—it is used by on-chip components.
See Table 5-5. External, that is, off-chip, memory can be
accessed using the EMIF. See External Memory Interface on
page 23.
Table 5-5. XDATA Data Address Map
Address Range
Purpose
0×00 0000 – 0×00 1FFF
SRAM
0×00 4000 – 0×00 42FF
Clocking, PLLs, and oscillators
0×00 4300 – 0×00 43FF
Power management
0×00 4400 – 0×00 44FF
Interrupt controller
0×00 4500 – 0×00 45FF
Ports interrupt control
0×00 4700 – 0×00 47FF
Flash programming interface
0×00 4900 – 0×00 49FF
I2C controller
0×00 4E00 – 0×00 4EFF
Decimator
0×00 4F00 – 0×00 4FFF
Fixed timer/counter/PWMs
0×00 5000 – 0×00 51FF
I/O ports control
0×00 5400 – 0×00 54FF
EMIF control registers
0×00 5800 – 0×00 5FFF
Analog subsystem interface
0×00 6000 – 0×00 60FF
USB controller
0×00 6400 – 0×00 6FFF
UDB configuration
0×00 7000 – 0×00 7FFF
PHUB configuration
0×00 8000 – 0×00 8FFF
EEPROM
0×00 A000 – 0×00 A400
CAN
0×00 C000 – 0×00 C800
DFB
0×01 0000 – 0×01 FFFF
Digital Interconnect
configuration
0×05 0220 – 0×05 02F0
Debug controller
0×08 0000 – 0×08 1FFF
Flash ECC bytes
0×80 0000 – 0×FF FFFF
External memory interface
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com