Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 28Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 29Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 30Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 31Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 32Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 33Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 34Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 35Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 32 of 129
voltage. In standby mode, most boost functions are disabled,
thus reducing power consumption of the boost circuit. The
converter can be configured to provide low-power, low-current
regulation in the standby mode. The external 32-kHz crystal can
be used to generate inductor boost pulses on the rising and
falling edge of the clock when the output voltage is less than the
programmed value. This is called automatic thump mode (ATM).
The boost typically draws 200 µA in active mode and 12 µA in
standby mode. The boost operating modes must be used in
conjunction with chip power modes to minimize the total chip
power consumption. Table 6-4 lists the boost power modes
available in different chip power modes.
If the boost converter is not used in a given application, tie the
Vbat, Vssb, and Vboost pins to ground and leave the Ind pin
unconnected.
6.3 Reset
CY8C38 has multiple internal and external reset sources
available. The reset sources are:
Power source monitoring – The analog and digital power
voltages, Vdda, Vddd, Vcca, and Vccd are monitored in several
different modes during power up, active mode, and sleep mode
(buzzing). If any of the voltages goes outside predetermined
ranges then a reset is generated. The monitors are
programmable to generate an interrupt to the processor under
certain conditions before reaching the reset thresholds.
External – The device can be reset from an external source by
pulling the reset pin (XRES) low. The XRES pin includes an
internal pull-up to Vddio1. Vddd, Vdda, and Vddio1 must all
have voltage applied before the part comes out of reset.
Watchdog timer – A watchdog timer monitors the execution of
instructions by the processor. If the watchdog timer is not reset
by firmware within a certain period of time, the watchdog timer
generates a reset.
Software – The device can be reset under program control.
Figure 6-7. Resets
The term device reset indicates that the processor as well as
analog and digital peripherals and registers are reset.
A reset status register holds the source of the most recent reset
or power voltage monitoring interrupt. The program may
examine this register to detect and report exception conditions.
This register is cleared after a power-on reset.
6.3.1 Reset Sources
6.3.1.1 Power Voltage Level Monitors
IPOR – Initial power-on reset
At initial power on, IPOR monitors the power voltages VDDD
and VDDA, both directly at the pins and at the outputs of the
corresponding internal regulators. The trip level is not precise.
It is set to approximately 1 volt, which is below the lowest
specified operating voltage but high enough for the internal
circuits to be reset and to hold their reset state. The monitor
generates a reset pulse that is at least 100 ns wide. It may be
much wider if one or more of the voltages ramps up slowly.
To save power the IPOR circuit is disabled when the internal
digital supply is stable. Voltage supervision is then handed off
to the precise low voltage reset (PRES) circuit. When the
voltage is high enough for PRES to release, the IMO starts.
PRES – Precise low voltage reset
This circuit monitors the outputs of the analog and digital
internal regulators after power up. The regulator outputs are
compared to a precise reference voltage. The response to a
PRES trip is identical to an IPOR reset.
In normal operating mode, the program cannot disable the
digital PRES circuit. The analog regulator can be disabled,
which also disables the analog portion of the PRES. The PRES
circuit is disabled automatically during sleep and hibernate
modes, with one exception: During sleep mode the regulators
are periodically activated (buzzed) to provide supervisory
services and to reduce wakeup time. At these times the PRES
circuit is also buzzed to allow periodic voltage monitoring.
Table 6-4. Chip and Boost Power Modes Compatibility
Chip Power Modes
Boost Power Modes
Chip – Active mode
Boost can be operated in either active
or standby mode.
Chip – Sleep mode
Boost can be operated in either active
or standby mode. However, it is recom-
mended to operate boost in standby
mode for low-power consumption
Chip – Hibernate mode Boost can only be operated in active
mode. However, it is recommended not
to use boost in chip hibernate mode
due to high current consumption in
boost active mode
Reset
Controller
Watchdog
Timer
External
Reset
Power
Voltage
Level
Monitors
Software
Reset
Register
Vddd Vdda
Reset
Pin
System
Reset
Processor
Interrupt
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com