Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 10Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 11Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 12Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 13Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 14Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 15Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 16Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 17Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 14 of 129
MOV Direct, Direct
Move direct byte to direct byte
3
3
MOV Direct, @Ri
Move indirect RAM to direct byte
2
3
MOV Direct, #data
Move immediate data to direct byte
3
3
MOV @Ri, A
Move accumulator to indirect RAM
1
2
MOV @Ri, Direct
Move direct byte to indirect RAM
2
3
MOV @Ri, #data
Move immediate data to indirect RAM
2
2
MOV DPTR, #data16
Load data pointer with 16 bit constant
3
3
MOVC A, @A+DPTR
Move code byte relative to DPTR to accumulator
1
5
MOVC A, @A + PC
Move code byte relative to PC to accumulator
1
4
MOVX A,@Ri
Move external RAM (8-bit) to accumulator
1
4
MOVX A, @DPTR
Move external RAM (16-bit) to accumulator
1
3
MOVX @Ri, A
Move accumulator to external RAM (8-bit)
1
5
MOVX @DPTR, A
Move accumulator to external RAM (16-bit)
1
4
PUSH Direct
Push direct byte onto stack
2
3
POP
Direct
Pop direct byte from stack
2
2
XCH
A, Rn
Exchange register with accumulator
1
2
XCH
A, Direct
Exchange direct byte with accumulator
2
3
XCH
A, @Ri
Exchange indirect RAM with accumulator
1
3
XCHD A, @Ri
Exchange low order indirect digit RAM with accumulator
1
3
Table 4-4. Boolean Instructions
Mnemonic
Description
Bytes
Cycles
CLR C
Clear carry
1
1
CLR bit
Clear direct bit
2
3
SETB C
Set carry
1
1
SETB bit
Set direct bit
2
3
CPL C
Complement carry
1
1
CPL bit
Complement direct bit
2
3
ANL C, bit
AND direct bit to carry
2
2
ANL C, /bit
AND complement of direct bit to carry
2
2
ORL C, bit
OR direct bit to carry
2
2
ORL C, /bit
OR complement of direct bit to carry
2
2
MOV C, bit
Move direct bit to carry
2
2
MOV bit, C
Move carry to direct bit
2
3
JC
rel
Jump if carry is set
2
3
JNC rel
Jump if no carry is set
2
3
JB
bit, rel
Jump if direct bit is set
3
5
JNB bit, rel
Jump if direct bit is not set
3
5
JBC bit, rel
Jump if direct bit is set and clear bit
3
5
Table 4-3. Data Transfer Instructions (continued)
Mnemonic
Description
Bytes
Cycles
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com