Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 50Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 51Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 52Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 53Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 54Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 55Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 56Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 57Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 58Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 54 of 129
Analog local buses (abus) are routing resources located within
the analog subsystem and are used to route signals between
different analog blocks. There are eight abus routes in CY8C38,
four in the left half (abusl [0:3]) and four in the right half (abusr
[0:3]) as shown in Figure 8-2. Using the abus saves the analog
globals and analog mux buses from being used for
interconnecting the analog blocks.
Multiplexers and switches exist on the various buses to direct
signals into and out of the analog blocks. A multiplexer can have
only one connection on at a time, whereas a switch can have
multiple connections on simultaneously. In Figure 8-2,
multiplexers are indicated by grayed ovals and switches are
indicated by transparent ovals.
8.2 Delta-sigma ADC
The CY8C38 device contains one delta-sigma ADC. This ADC
offers differential input, high resolution and excellent linearity,
making it a good ADC choice for both audio signal processing
and measurement applications. The converter's nominal
operation is 16 bits at 48 ksps. The ADC can be configured to
output 20-bit resolution at data rates of up to 187 sps. At a fixed
clock rate, resolution can be traded for faster data rates as
shown in Table 8-1 and Figure 8-3.
Figure 8-3. Delta-sigma ADC Sample Rates, Range = ±1.024 V
8.2.1 Functional Description
The ADC connects and configures three basic components,
input buffer, delta-sigma modulator, and decimator. The basic
block diagram is shown in Figure 8-4. The signal from the input
muxes is delivered to the delta-sigma modulator either directly or
through the input buffer. The delta-sigma modulator performs the
actual analog to digital conversion. The modulator over-samples
the input and generates a serial data stream output. This high
speed data stream is not useful for most applications without
some type of post processing, and so is passed to the decimator
through the Analog Interface block. The decimator converts the
high speed serial data stream into parallel ADC results. The
modulator/decimator frequency response is [(sin x)/x]4; a typical
frequency response is shown in Figure 8-5.
Figure 8-4. Delta-sigma ADC Block Diagram
Figure 8-5. Delta-sigma ADC Frequency Response,
Normalized to Output, Sample Rate = 48 kHz
Resolution and sample rate are controlled by the Decimator.
Data is pipelined in the decimator; the output is a function of the
last four samples. When the input multiplexer is switched, the
output data is not valid until after the fourth sample after the
switch.
8.2.2 Operational Modes
The ADC can be configured by the user to operate in one of four
modes: Single Sample, Multi Sample, Continous, or Multi
Sample (Turbo). All four modes are started by either a write to
the start bit in a control register or an assertion of the Start of
Conversion (SoC) signal. When the conversion is complete, a
status bit is set and the output signal End of Conversion (EoC)
asserts high and remains high until the value is read by either the
DMA controller or the CPU.
Table 8-1. Delta-sigma ADC Performance
Bits
Maximum Sample Rate
(sps)
SINAD (dB)
20
187
–
16
48 k
84
12
192 k
66
8
384 k
43
1
10
100
1000
10000
100000
1000000
6
8
10
12
14
16
18
20
22
Resolution,bits
Continuous
Multi-Sample
Multi-SampleTurbo
Delta
Sigma
Modulator
Decimator
12 to 20 Bit
Result
EOC
SOC
Positive
Input Mux
Negative
Input Mux
(Analog Routing)
Input
Buffer
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1,000
10,000
100,000
1,000,000
Input Frequency, Hz
Input frequency, Hz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com