Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 66 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 66 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 62Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 63Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 64Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 65Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 66Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 67Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 68Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 69Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 70Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 66 of 129
Sleep Mode[22]
CPU = OFF
RTC = ON (= ECO32K ON, in low-power
mode)
Sleep timer = ON (= ILO ON at 1 kHz)[23]
WDT = OFF
I2C Wake = OFF
Comparator = OFF
POR = ON
Boost = OFF
SIO pins in single ended input, unregu-
lated output mode
VDD = VDDIO = 4.5–5.5 V T = –40 °C
–
–
–
µA
T = 25 °C
–
–
–
µA
T = 85 °C
–
–
–
µA
VDD = VDDIO = 2.7–3.6 V T = –40 °C
–
–
–
µA
T = 25 °C
–
1
–
µA
T = 85 °C
–
–
–
µA
VDD = VDDIO = 1.71–1.95 V T = –40 °C
–
–
–
µA
T = 25 °C
–
–
–
µA
T = 85 °C
–
–
–
µA
Comparator = ON
CPU = OFF
RTC = OFF
Sleep timer = OFF
WDT = OFF
I2C Wake = OFF
POR = ON
Boost = OFF
SIO pins in single ended input, unregu-
lated output mode
VDD = VDDIO = 2.7–3.6V
T = 25 °C
–
–
–
µA
I2C Wake = ON
CPU = OFF
RTC = OFF
Sleep timer = OFF
WDT = OFF
Comparator = OFF
POR = ON
Boost = OFF
SIO pins in single ended input, unregu-
lated output mode
VDD = VDDIO = 2.7–3.6V
T = 25 °C
–
–
–
µA
Hibernate Mode[22]
Hibernate mode current
All regulators and oscillators off.
SRAM retention
GPIO interrupts are active
Boost = OFF
SIO pins in single ended input, unregu-
lated output mode
VDD = VDDIO = 4.5–5.5 V T = –40 °C
–
–
–
nA
T = 25 °C
–
–
–
nA
T = 85 °C
–
–
–
nA
VDD = VDDIO = 2.7–3.6 V T = –40 °C
–
–
–
nA
T = 25 °C
–
200
–
nA
T = 85 °C
–
–
–
nA
VDD = VDDIO = 1.71–1.95 V T = –40 °C
–
–
–
nA
T = 25 °C
–
–
–
nA
T = 85 °C
–
–
–
nA
Table 11-2. DC Specifications (continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
Notes
22. If VCCD and VCCA are externally regulated, the voltage difference between VCCD and VCCA must be less than 50 mV.
23. Sleep timer generates periodic interrupts to wake up the CPU. This specification applies only to those times that the CPU is off.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com