Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 62 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 62 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 58Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 59Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 60Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 61Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 62Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 63Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 64Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 65Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 66Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 62 of 129
9.3 Debug Features
Using the JTAG or SWD interface, the CY8C38 supports the
following debug features:
Halt and single-step the CPU
View and change CPU and peripheral registers, and RAM
addresses
Eight program address breakpoints
One memory access breakpoint—break on reading or writing
any memory address and data value
Break on a sequence of breakpoints (non recursive)
Debugging at the full speed of the CPU
Debug operations are possible while the device is reset, or in
low-power modes
Compatible with PSoC Creator and MiniProg3 programmer and
debugger
Standard JTAG programming and debugging interfaces make
CY8C38 compatible with other popular third-party tools (for
example, ARM / Keil)
9.4 Trace Features
The CY8C38 supports the following trace features when using
JTAG or SWD:
Trace the 8051 program counter (PC), accumulator register
(ACC), and one SFR / 8051 core RAM register
Trace depth up to 1000 instructions if all registers are traced,
or 2000 instructions if only the PC is traced (on devices that
include trace memory)
Program address trigger to start tracing
Trace windowing, that is, only trace when the PC is within a
given range
Two modes for handling trace buffer full: continuous (overwriting
the oldest trace data) or break when trace buffer is full
9.5 Single Wire Viewer Interface
The SWV interface is closely associated with SWD but can also
be used independently. SWV data is output on the JTAG
interface’s TDO pin. If using SWV, you must configure the device
for SWD, not JTAG. SWV is not supported with the JTAG
interface.
SWV is ideal for application debug where it is helpful for the
firmware to output data similar to 'printf' debugging on PCs. The
SWV is ideal for data monitoring, because it requires only a
single pin and can output data in standard UART format or
Manchester encoded format. For example, it can be used to tune
a PID control loop in which the output and graphing of the three
error terms greatly simplifies coefficient tuning.
The following features are supported in SWV:
32 virtual channels, each 32 bits long
Simple, efficient packing and serializing protocol
Supports standard UART format (N81)
9.6 Programming Features
The JTAG and SWD interfaces provide full programming
support. The entire device can be erased, programmed, and
verified. You can increase flash protection levels to protect
firmware IP. Flash protection can only be reset after a full device
erase. Individual flash blocks can be erased, programmed, and
verified, if block security settings permit.
9.7 Device Security
PSoC 3 offers an advanced security feature called device
security, which permanently disables all test, programming, and
debug ports, protecting your application from external access.
The device security is activated by programming a 32-bit key
(0×50536F43) to a Write Once Latch (WOL).
The Write Once Latch is a type of nonvolatile latch (NVL). The
cell itself is an NVL with additional logic wrapped around it. Each
WOL device contains four bytes (32 bits) of data. The wrapper
outputs a ‘1’ if a super-majority (28 of 32) of its bits match a
pre-determined pattern (0×50536F43); it outputs a ‘0’ if this
majority is not reached. When the output is 1, the Write Once NV
latch locks the part out of Debug and Test modes; it also
permanently gates off the ability to erase or alter the contents of
the latch. Matching all bits is intentionally not required, so that
single (or few) bit failures do not deassert the WOL output. The
state of the NVL bits after wafer processing is truly random with
no tendency toward 1 or 0.
The WOL only locks the part after the correct 32-bit key
(0×50536F43) is loaded into the NVL's volatile memory,
programmed into the NVL's nonvolatile cells, and the part is
reset. The output of the WOL is only sampled on reset and used
to disable the access. This precaution prevents anyone from
reading, erasing, or altering the contents of the internal memory.
The user can write the key into the WOL to lock out external
access only if no flash protection is set (see “Flash Security” on
page 21). However, after setting the values in the WOL, a user
still has access to the part until it is reset. Therefore, a user can
write the key into the WOL, program the flash protection data,
and then reset the part to lock it.
If the device is protected with a WOL setting, Cypress cannot
perform failure analysis and, therefore, cannot accept RMAs
from customers. The WOL can be read out through the SWD port
to electrically identify protected parts. The user can write the key
in WOL to lock out external access only if no flash protection is
set. For more information on how to take full advantage of the
security features in PSoC see the PSoC 3 TRM.
Disclaimer
Note the following details of the flash code protection features on
Cypress devices.
Cypress products meet the specifications contained in their
particular Cypress data sheets. Cypress believes that its family
of products is one of the most secure families of its kind on the
market today, regardless of how they are used. There may be
methods, unknown to Cypress, that can breach the code
protection features. Any of these methods, to our knowledge,
would be dishonest and possibly illegal. Neither Cypress nor any
other semiconductor manufacturer can guarantee the security of
their code. Code protection does not mean that we are
guaranteeing the product as “unbreakable.”
Cypress is willing to work with the customer who is concerned
about the integrity of their code. Code protection is constantly
evolving. We at Cypress are committed to continuously
improving the code protection features of our products.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com