Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 32Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 33Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 34Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 35Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 36Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 37Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 38Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 39Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 36 of 129
6.4.1 Drive Modes
Each GPIO and SIO pin is individually configurable into one of the eight drive modes listed in Table 6-6. Three configuration bits are
used for each pin (DM[2:0]) and set in the PRTxDM[2:0] registers. Figure 6-11 depicts a simplified pin view based on each of the eight
drive modes. Table 6-6 shows the I/O pin’s drive state based on the port data register value or digital array signal if bypass mode is
selected. Note that the actual I/O pin voltage is determined by a combination of the selected drive mode and the load at the pin. For
example, if a GPIO pin is configured for resistive pull-up mode and driven high while the pin is floating, the voltage measured at the
pin is a high logic state. If the same GPIO pin is externally tied to ground then the voltage unmeasured at the pin is a low logic state.
Figure 6-11. Drive Mode
Table 6-6. Drive Modes
Diagram
Drive Mode
PRTxDM2
PRTxDM1
PRTxDM0
PRTxDR = 1
PRTxDR = 0
0
High impedence analog
0
0
0
High Z
High Z
1
High Impedance digital
0
0
1
High Z
High Z
2
Resistive pull-up[15]
0
1
0
Res High (5K)
Strong Low
3
Resistive pull-down[15]
0
1
1
Strong High
Res Low (5K)
4
Open drain, drives low
1
0
0
High Z
Strong Low
5
Open drain, drive high
1
0
1
Strong High
High Z
6
Strong drive
1
1
0
Strong High
Strong Low
7
Resistive pull-up and pull-down[15]
1
1
1
Res High (5K)
Res Low (5K)
High Impedance
Analog
PS
DR
PS
DR
PS
DR
0.
High Impedance
Digital
1.
Resistive
Pull-Up
2.
Resistive
Pull-Down
3.
Open Drain,
Drives Low
4.
Open Drain,
Drives High
5.
Strong Drive
6.
Resistive
Pull-Up and Pull-Down
7.
Vddio
Pin
Pin
Pin
Vddio
Pin
Pin
Pin
Pin
Pin
PS
DR
PS
DR
PS
DR
PS
DR
PS
DR
Vddio
Vddio
Vddio
Note
15. Resistive pull-up and pull-down are not available with SIO in regulated output mode.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com