Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 8Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 9Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 10Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 11Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 12Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 13Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 14Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 15Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 12 of 129
4.3.1 Instruction Set Summary
4.3.1.1 Arithmetic Instructions
Arithmetic instructions support the direct, indirect, register, immediate constant, and register-specific instructions. Arithmetic modes
are used for addition, subtraction, multiplication, division, increment, and decrement operations. Table 4-1 lists the different arithmetic
instructions.
4.3.1.2 Logical Instructions
The logical instructions perform Boolean operations such as AND, OR, XOR on bytes, rotate of accumulator contents, and swap of
nibbles in an accumulator. The Boolean operations on the bytes are performed on the bit-by-bit basis. Table 4-2 shows the list of
logical instructions and their description.
Table 4-1. Arithmetic Instructions
Mnemonic
Description
Bytes
Cycles
ADD A,Rn
Add register to accumulator
1
1
ADD A,Direct
Add direct byte to accumulator
2
2
ADD A,@Ri
Add indirect RAM to accumulator
1
2
ADD A,#data
Add immediate data to accumulator
2
2
ADDC A,Rn
Add register to accumulator with carry
1
1
ADDC A,Direct
Add direct byte to accumulator with carry
2
2
ADDC A,@Ri
Add indirect RAM to accumulator with carry
1
2
ADDC A,#data
Add immediate data to accumulator with carry
2
2
SUBB A,Rn
Subtract register from accumulator with borrow
1
1
SUBB A,Direct
Subtract direct byte from accumulator with borrow
2
2
SUBB A,@Ri
Subtract indirect RAM from accumulator with borrow
1
2
SUBB A,#data
Subtract immediate data from accumulator with borrow
2
2
INC
A
Increment accumulator
1
1
INC
Rn
Increment register
1
2
INC
Direct
Increment direct byte
2
3
INC
@Ri
Increment indirect RAM
1
3
DEC A
Decrement accumulator
1
1
DEC Rn
Decrement register
1
2
DEC Direct
Decrement direct byte
2
3
DEC @Ri
Decrement indirect RAM
1
3
INC
DPTR
Increment data pointer
1
1
MUL
Multiply accumulator and B
1
2
DIV
Divide accumulator by B
1
6
DAA
Decimal adjust accumulator
1
3
Table 4-2. Logical Instructions
Mnemonic
Description
Bytes
Cycles
ANL A,Rn
AND register to accumulator
1
1
ANL A,Direct
AND direct byte to accumulator
2
2
ANL A,@Ri
AND indirect RAM to accumulator
1
2
ANL A,#data
AND immediate data to accumulator
2
2
ANL Direct, A
AND accumulator to direct byte
2
3
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com