Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 19Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 20Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 21Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 22Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 23Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 24Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 25Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 26Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 23 of 129
5.6 External Memory Interface
CY8C38 provides an EMIF for connecting to external memory
devices. The connection allows read and write accesses to
external memories. The EMIF operates in conjunction with
UDBs, I/O ports, and other hardware to generate external
memory address and control signals. At 33 MHz, each memory
access cycle takes four bus clock cycles. Figure 5-1 is the EMIF
block diagram. The EMIF supports synchronous and
asynchronous memories. The CY8C38 supports only one type
of external memory device at a time. External memory can be
accessed through the 8051 xdata space; up to 24 address bits
can be used. See “xdata Space” section on page 25. The
memory can be 8 or 16 bits wide.
Figure 5-1. EMIF Block Diagram
PHUB
IO IF
UDB
EMIF
I/O
PORTs
I/O
PORTs
I/O
PORTs
Data,
Address,
and Control
Signals
Data,
Address,
and Control
Signals
Address Signals
Data Signals
Control Signals
Data,
Address,
and Control
Signals
EM Control
Signals
Other
Control
Signals
DSI Dynamic Output
Control
DSI to Port
Control
External_ MEM_ DATA[15:0]
External_ MEM_ ADDR[23:0]
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com