Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 15Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 16Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 17Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 18Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 19Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 20Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 21Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 22Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 19 of 129
Figure 4-3. Interrupt Structure
When an interrupt is pending, the current instruction is
completed and the program counter is pushed onto the stack.
Code execution then jumps to the program address provided by
the vector. After the ISR is completed, a RETI instruction is
executed and returns execution to the instruction following the
previously interrupted instruction. To do this the RETI instruction
pops the program counter from the stack.
If the same priority level is assigned to two or more interrupts,
the interrupt with the lower vector number is executed first. Each
interrupt vector may choose from three interrupt sources: Fixed
Function, DMA, and UDB. The fixed function interrupts are direct
connections to the most common interrupt sources and provide
the lowest resource cost connection. The DMA interrupt sources
provide direct connections to the two DMA interrupt sources
provided per DMA channel. The third interrupt source for vectors
is from the UDB digital routing array. This allows any digital signal
available to the UDB array to be used as an interrupt source.
Fixed function interrupts and all interrupt sources may be routed
to any interrupt vector using the UDB interrupt source
connections.
Interrupts 0 to 30
from UDBs
Interrupt
routing logic
to select 31
sources
0
1
30
Individual
Enable Disable
bits
Global Enable
disable bit
Interrupt Enable/
Disable, PEND and
POST logic
Interrupts form Fixed
function blocks, DMA and
UDBs
8 Level
Priority
decoder
for all
interrupts
Highest Priority
Lowest Priority
Interrupt Polling logic
IRC
IRA
IRQ
0 to 30
[15:0]
ACTIVE_INT_NUM
INT_VECT_ADDR
Interrupts 0 to 30
from Fixed
Function Blocks
Interrupts 0 to
30 from DMA
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com