Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 35Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 36Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 37Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 38Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 39Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 40Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 41Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 42Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 39 of 129
6.4.15 Over Voltage Tolerance
All I/O pins provide an over voltage tolerance feature at any
operating VDD.
There are no current limitations for the SIO pins as they present a
high impedance load to the external circuit where Vddio < VIN <
5.5 V.
The GPIO pins must be limited to 100 µA using a current limiting
resistor. GPIO pins clamp the pin voltage to approximately one
diode above the Vddio supply where Vddio < VIN < VDDA.
In case of a GPIO pin configured for analog input/output, the
analog voltage on the pin must not exceed the Vddio supply
voltage to which the GPIO belongs.
A common application for this feature is connection to a bus such
as I2C where different devices are running from different supply
voltages. In the I2C case, the PSoC chip is configured into the
Open Drain, Drives Low mode for the SIO pin. This allows an
external pull-up to pull the I2C bus voltage above the PSoC pin
supply. For example, the PSoC chip could operate at 1.8 V, and
an external device could run from 5 V. Note that the SIO pin’s VIH
and VIL levels are determined by the associated Vddio supply
pin. The I/O pin must be configured into a high impedance drive
mode, open drain low drive mode, or pull-down drive mode, for
over voltage tolerance to work properly. Absolute maximum
ratings for the device must be observed for all I/O pins.
6.4.16 Reset Configuration
While reset is active all I/Os are reset to and held in the High
Impedance Analog state. After reset is released, the state can be
reprogrammed on a port-by-port basis to pull-down or pull-up. To
ensure correct reset operation, the port reset configuration data
is stored in special nonvolatile registers. The stored reset data is
automatically transferred to the port reset configuration registers
at reset release.
6.4.17 Low-Power Functionality
In all low-power modes the I/O pins retain their state until the part
is awakened and changed or reset. To awaken the part, use a
pin interrupt, because the port interrupt logic continues to
function in all low-power modes.
6.4.18 Special Pin Functionality
Some pins on the device include additional special functionality
in addition to their GPIO or SIO functionality. The specific special
function pins are listed in Pinouts on page 5. The special features
are:
Digital
4- to 25-MHz crystal oscillator
32.768-kHz crystal oscillator
Wake from sleep on I2C address match. Any pin can be used
for I2C if wake from sleep is not required.
JTAG interface pins
SWD interface pins
SWV interface pins
External reset
Analog
Opamp inputs and outputs
High current IDAC outputs
External reference inputs
6.4.19 JTAG Boundary Scan
The device supports standard JTAG boundary scan chains on all
I/O pins for board level test.
7. Digital Subsystem
The digital programmable system creates application specific
combinations of both standard and advanced digital peripherals
and custom logic functions. These peripherals and logic are then
interconnected to each other and to any pin on the device,
providing a high level of design flexibility and IP security.
The features of the digital programmable system are outlined
here to provide an overview of capabilities and architecture. You
do not need to interact directly with the programmable digital
system at the hardware and register level. PSoC Creator
provides a high level schematic capture graphical interface to
automatically place and route resources similar to PLDs.
The main components of the digital programmable system are:
UDB – These form the core functionality of the digital
programmable system. UDBs are a collection of uncommitted
logic (PLD) and structural logic (Datapath) optimized to create
all common embedded peripherals and customized
functionality that are application or design specific.
Universal digital block array – UDB blocks are arrayed within
a matrix of programmable interconnect. The UDB array
structure is homogeneous and allows for flexible mapping of
digital functions onto the array. The array supports extensive
and flexible routing interconnects between UDBs and the
Digital System Interconnect.
Digital system interconnect (DSI) – Digital signals from UDBs,
fixed function peripherals, I/O pins, interrupts, DMA, and other
system core signals are attached to the digital system
interconnect to implement full featured device connectivity. The
DSI allows any digital function to any pin or other feature
routability when used with the universal digital block array.
Figure 7-1. CY8C38 Digital Programmable Architecture
Digital Core System
and Fixed Function Peripherals
DSI Routing Interface
DSI Routing Interface
Digital Core System
and Fixed Function Peripherals
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com