Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 22Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 23Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 24Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 25Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 26Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 27Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 28Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 29Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 26 of 129
6. System Integration
6.1 Clocking System
The clocking system generates, divides, and distributes clocks
throughout the PSoC system. For the majority of systems, no
external crystal is required. The IMO and PLL together can
generate up to a 66 MHz clock, accurate to ±1 percent over
voltage and temperature. Additional internal and external clock
sources allow each design to optimize accuracy, power, and
cost. All of the system clock sources can be used to generate
other clock frequencies in the 16-bit clock dividers and UDBs for
anything the user wants, for example a UART baud rate
generator.
Clock generation and distribution is automatically configured
through the PSoC Creator IDE graphical interface. This is based
on the complete system’s requirements. It greatly speeds the
design process. PSoC Creator allows you to build clocking
systems with minimal input. You can specify desired clock
frequencies and accuracies, and the software locates or builds a
clock that meets the required specifications. This is possible
because of the programmability inherent PSoC.
Key features of the clocking system include:
Seven general purpose clock sources
3- to 62-MHz IMO, ±1% at 3 MHz
4- to 25-MHz external crystal oscillator (MHzECO)
Clock doubler provides a doubled clock frequency output for
the USB block, see USB Clock Domain on page 28.
DSI signal from an external I/O pin or other logic
24- to 67-MHz fractional PLL sourced from IMO, MHzECO,
or DSI
Clock doubler
1-kHz, 33-kHz, 100-kHz ILO for WDT and sleep timer
32.768-kHz external crystal oscillator (kHzECO) for RTC
IMO has a USB mode that auto locks to the USB bus clock
requiring no external crystal for USB. (USB equipped parts only)
Independently sourced clock in all clock dividers
Eight 16-bit clock dividers for the digital system
Four 16-bit clock dividers for the analog system
Dedicated 16-bit divider for the bus clock
Dedicated 4-bit divider for the CPU clock
Automatic clock configuration in PSoC Creator
Table 6-1. Oscillator Summary
Source
Fmin
Tolerance at Fmin
Fmax
Tolerance at Fmax
Startup Time
IMO
3 MHz
±1% over voltage and temperature 62 MHz ±7%
10 µs max
MHzECO
4 MHz
Crystal dependent
25 MHz Crystal dependent
5 ms typ, max is crystal dependent
DSI
0 MHz
Input dependent
66 MHz Input dependent
Input dependent
PLL
24 MHz Input dependent
67 MHz Input dependent
250 µs max
Doubler
12 MHz Input dependent
48 MHz Input dependent
1 µs max
ILO
1 kHz
–50%, +100%
100 kHz –55%, +100%
15 ms max in lowest power mode
kHzECO
32 kHz
Crystal dependent
32 kHz
Crystal dependent
500 ms typ, max is crystal dependent
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com