Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 87 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 87 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 83Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 84Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 85Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 86Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 87Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 88Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 89Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 90Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 91Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 87 of 129
Figure 11-37. Delta-sigma ADC DNL vs Output Code, 16-bit,
48 ksps, 25 °C VDDA = 3.3 V
Figure 11-38. Delta-sigma ADC INL vs Output Code, 16-bit,
48 ksps, 25 °C VDDA = 3.3 V
11.2.3 Voltage Reference
11.2.4 Analog Globals
11.2.5 Comparator
Table 11-27. Voltage Reference Specifications
See also ADC external reference specifications in Section 11.2.2.
Parameter
Description
Conditions
Min
Typ
Max
Units
VREF
Precision reference voltage
Initial trimming
1.023
(–0.1%)
1.024
1.025
(+0.1%)
V
Temperature drift[39]
–
–
20
ppm/°C
Long term drift
–
100
–
ppm/Khr
Thermal cycling drift (stability)[39]
–100
–
ppm
Table 11-28. Analog Globals Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Rppag
Resistance pin-to-pin through
analog global[40]
VDDA = 3.0 V
–
939
1461
Ω
Rppmuxbus
Resistance pin-to-pin through
analog mux bus[40]
VDDA = 3.0 V
–
721
1135
Ω
Notes
39. Based on device characterization (Not production tested).
40. The resistance of the analog global and analog mux bus is high if VDDA ≤ 2.7 V, and the chip is in either sleep or hibernate mode. Use of analog global and analog
mux bus under these conditions is not recommended.
41. The recommended procedure for using a custom trim value for the on-chip comparators can be found in the TRM.
Table 11-29. Comparator DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VOS
Input offset voltage in fast mode
Factory trim, Vdda > 2.7 V,
Vin
≥ 0.5 V
–10
mV
Input offset voltage in slow mode
Factory trim, Vin
≥ 0.5 V
–
9
mV
VOS
Input offset voltage in fast mode[41] Custom trim
–
–
4
mV
Input offset voltage in slow mode[41] Custom trim
–
–
4
mV
VOS
Input offset voltage in ultra
low-power mode
–±12
–
mV
VHYST
Hysteresis
Hysteresis enable mode
–
10
32
mV
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com