Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 106 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 106 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 102Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 103Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 104Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 105Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 106Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 107Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 108Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 109Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 110Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 106 of 129
Figure 11-68. Asynchronous Write Cycle Timing
Table 11-66. Asynchronous Read Cycle Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
T
EMIF clock period[46]
Vdda
≥ 3.3 V
30.3
–
–
nS
Tcel
EM_CEn low time
2T – 5
–
2T+ 5
nS
Taddrv
EM_CEn low to EM_Addr valid
–
–
5
nS
Taddrh
Address hold time after EM_Wen high
T
–
–
nS
Toel
EM_OEn low time
2T – 5
–
2T + 5
nS
Tdoesu
Data to EM_OEn high setup time
T + 15
–
–
nS
Tdoeh
Data hold time after EM_OEn high
3
–
–
nS
Address
Taddrh
Tcel
Taddrv
EM_ Addr
EM_CEn
EM_ WEn
EM_OEn
EM_ Data
Twel
Tdcev
Tdweh
Data
Note
46. Limited by GPIO output frequency, see Table 11-10 on page 74.
Table 11-67. Asynchronous Write Cycle Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
T
EMIF clock period[46]
Vdda
≥ 3.3 V
30.3
–
–
nS
Tcel
EM_CEn low time
T – 5
–
T + 5
nS
Taddrv
EM_CEn low to EM_Addr valid
–
–
5
nS
Taddrh
Address hold time after EM_WEn high
T
–
–
nS
Twel
EM_WEn low time
T – 5
–
T + 5
nS
Tdcev
EM_CEn low to data valid
–
–
7
nS
Tdweh
Data hold time after EM_WEn high
T
–
–
nS
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com