Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 104 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 104 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 100Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 101Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 102Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 103Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 104Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 105Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 106Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 107Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 108Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 104 of 129
11.4.2 EEPROM
11.4.3 Nonvolatile Latches (NVL))
11.4.4 SRAM
Table 11-60. EEPROM DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Erase and program voltage
1.71
–
5.5
V
Table 11-61. EEPROM AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
TWRITE
Single row erase/write cycle time
–
2
20
ms
EEPROM data retention time,
retention period measured from last
erase cycle
Average ambient temp, TA ≤ 25 °C,
1M erase/program cycles
20
–
–
years
Average ambient temp, TA ≤ 55 °C,
100 K erase/program cycles
20
–
–
Average ambient temp. TA ≤ 85 °C,
10 K erase/program cycles
10
–
–
Table 11-62. NVL DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Erase and program voltage
VDDD pin
1.71
–
5.5
V
Table 11-63. NVL AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
NVL endurance
Programmed at 25 °C
1K
–
–
program/erase cycles
Programmed at 0 °C to 70 °C
100
–
–
program/erase cycles
NVL data retention time
Programmed at 25 °C
20
–
–
years
Programmed at 0 °C to 70 °C
20
–
–
years
Table 11-64. SRAM DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VSRAM
SRAM retention voltage
1.2
–
–
V
Table 11-65. SRAM AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
FSRAM
SRAM operating frequency
DC
–
67.01
MHz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com