Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 101 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 101 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 97Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 98Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 99Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 100Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 101Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 102Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 103Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 104Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 105Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 101 of 129
11.3.4 I2C
11.3.5 Controller Area Network[44]
11.3.6 Digital Filter Block
Table 11-50. Fixed I2C DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
Enabled, configured for 100 kbps
–
–
250
µA
–
Enabled, configured for 400 kbps
–
–
260
µA
–
Wake from sleep mode
–
–
30
µA
Table 11-51. Fixed I2C AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Bit rate
–
–
1
Mbps
Table 11-52. CAN DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
IDD
Block current consumption
–
–
200
µA
Table 11-53. CAN AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Bit rate
Minimum 8 MHz clock
–
–
1
Mbit
Note
44. Refer to ISO 11898 specification for details.
Table 11-54. DFB DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
DFB operating current
64-tap FIR at FDFB
100 kHz (1.3 ksps)
–
0.03
0.05
mA
500 kHz (6.7 ksps)
–
0.16
0.27
mA
1 MHz (13.4 ksps)
–
0.33
0.53
mA
10 MHz (134 ksps)
–
3.3
5.3
mA
48 MHz (644 ksps)
–
15.7
25.5
mA
67 MHz (900 ksps)
–
21.8
35.6
mA
Table 11-55. DFB AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
FDFB
DFB operating frequency
DC
–
67.01
MHz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com