Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 103 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 103 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 99Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 100Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 101Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 102Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 103Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 104Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 105Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 106Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 107Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 103 of 129
Figure 11-66. Clock to Output Performance
11.4 Memory
Specifications are valid for –40 °C
≤ TA ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
11.4.1 Flash
Table 11-58. Flash DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Erase and program voltage
VDDD pin
1.71
–
5.5
V
Table 11-59. Flash AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
TWRITE
Row write time (erase + program)
–
15
20
ms
TERASE
Row erase time
–
10
13
ms
Row program time
–
5
7
ms
TBULK
Bulk erase time (16 KB to 64 KB)
–
–
35
ms
Sector erase time (8 KB to 16 KB)
–
–
15
ms
Total device program time,
including JTAG or SWD, and other
overhead
–
–
5
seconds
Flash data retention time, retention
period measured from last erase
cycle
Average ambient temp.
TA ≤ 55 °C, 100 K erase/program
cycles
20
–
–
years
Average ambient temp.
TA ≤ 85 °C, 10 K erase/program
cycles
10
–
–
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com