Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 111 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 111 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 107Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 108Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 109Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 110Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 111Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 112Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 113Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 114Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 115Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 111 of 129
11.5.5 SWD Interface
Figure 11-72. SWD Interface Timing
11.5.6 SWV Interface
Table 11-76. SWD Interface AC Specifications[51]
Parameter
Description
Conditions
Min
Typ
Max
Units
f_SWDCK
SWDCLK frequency
3.3 V
≤ VDDD ≤ 5V
–
–
14[52]
MHz
1.71 V
≤ VDDD < 3.3 V
–
–
7[52]
MHz
1.71 V
≤ VDDD < 3.3 V,
SWD over USBIO pins
––
5.5[52]
MHz
T_SWDI_setup SWDIO input setup before SWDCK high T = 1/f_SWDCK max
T/4
–
–
T_SWDI_hold
SWDIO input hold after SWDCK high
T = 1/f_SWDCK max
T/4
–
–
T_SWDO_valid SWDCK high to SWDIO output
T = 1/f_SWDCK max
–
–
2T/5
T_SWDO_hold SWDIO output hold after SWDCK low
T = 1/f_SWDCK max
T/4
–
–
SWDIO
(PSoC 3 reading on SWDIO)
SWDCK
T_SWDI_setup
SWDIO
(PSoC 3 writing to SWDIO)
(1/f_SWDCK)
T_SWDI_hold
T_SWDO_valid
T_SWDO_hold
Table 11-77. SWV Interface AC Specifications[51]
Parameter
Description
Conditions
Min
Typ
Max
Units
SWV mode SWV bit rate
–
–
33
Mbit
Notes
51. Based on device characterization (Not production tested).
52. f_SWDCK must also be no more than 1/3 CPU clock frequency.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com