Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 114 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 114 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 110Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 111Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 112Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 113Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 114Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 115Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 116Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 117Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 118Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 114 of 129
11.6.3 Internal Low-Speed Oscillator
Figure 11-76. ILO Frequency Variation vs. Temperature
Figure 11-77. ILO Frequency Variation vs. VDD
Table 11-82. ILO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
ICC
Operating current
FOUT = 1 kHz
–
0.3
1.7
µA
FOUT = 33 kHz
–
1.0
2.6
µA
FOUT = 100 kHz
–
1.0
2.6
µA
Leakage current
Power down mode
–
2.0
15
nA
Table 11-83. ILO AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Startup time, all frequencies
Turbo mode
–
–
2
ms
FILO
ILO frequencies (trimmed)
100 kHz
45
100
200
kHz
1 kHz
0.5
1
2
kHz
ILO frequencies (untrimmed)
100 kHz
30
100
300
kHz
1 kHz
0.3
1
3.5
kHz
Note
55. Based on device characterization (Not production tested).
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com