Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 118 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 118 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 114Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 115Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 116Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 117Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 118Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 119Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 120Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 121Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 122Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 118 of 129
12.1 Part Numbering Conventions
PSoC 3 devices follow the part numbering convention described here. All fields are single character alphanumeric (0, 1, 2, …, 9, A,
B, …, Z) unless stated otherwise.
CY8Cabcdefg-xxx
a: Architecture
3: PSoC 3
5: PSoC 5
b: Family group within architecture
4: CY8C34 family
6: CY8C36 family
8: CY8C38 family
c: Speed grade
4: 48 MHz
6: 67 MHz
d: Flash capacity
4: 16 KB
5: 32 KB
6: 64 KB
ef: Package code
Two character alphanumeric
AX: TQFP
LT: QFN
PV: SSOP
g: Temperature range
C: commercial
I: industrial
A: automotive
xxx: Peripheral set
Three character numeric
No meaning is associated with these three characters.
All devices in the PSoC 3 CY8C38 family comply to RoHS-6 specifications, demonstrating the commitment by Cypress to lead-free
products. Lead (Pb) is an alloying element in solders that has resulted in environmental concerns due to potential toxicity. Cypress
uses nickel-palladium-gold (NiPdAu) technology for the majority of leadframe-based packages.
A high-level review of the Cypress Pb-free position is available on our website. Specific package information is also available. Package
Material Declaration data sheets (PMDDs) identify all substances contained within Cypress packages. PMDDs also confirm the
absence of many banned substances. The information in the PMDDs will help Cypress customers plan for recycling or other “end of
life” requirements.
Architecture
Cypress Prefix
Family Group within Architecture
Speed Grade
Flash Capacity
Package Code
Temperature Range
Peripheral Set
3: PSoC 3
6: 67 MHz
6: 64 KB
PV: SSOP
I: Industrial
Examples
CY8C
3 8
V
P
6
6I
x
x
-x
8: CY8C38 Family
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com