Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 121 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 121 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 117Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 118Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 119Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 120Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 121Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 122Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 123Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 124Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 125Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 121 of 129
Figure 13-3. 68-pin QFN 8×8 with 0.4 mm Pitch Package Outline (Sawn Version)
Figure 13-4. 100-pin TQFP (14 × 14 × 1.4 mm) Package Outline
TOP VIEW
0.200 REF
PIN 1 DOT
LASER MARK
1
8
3
4
3
5
5
1
5
2
6
8
1
1
7
0.05 MAX
1.
HATCH AREA IS SOLDERABLE EXPOSED METAL.
2. REFERENCE JEDEC#: MO-220
4. ALL DIMENSIONS ARE IN MILLIMETERS
NOTES:
3. PACKAGE WEIGHT: 0.17g
BOTTOM VIEW
1
0.400±0.100
0.400 PITCH
6
8
5
2
5
1
3
5
3
4
1
8
1
7
8.000±0.100
0.900±0.100
6.40 REF
SIDE VIEW
0.20±0.05
5.7±0.10
PAD
EXPOSED
SOLDERABLE
5.7±0.10
PIN1 ID
R 0.20
001-09618 *C
51-85048 *E
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com