Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 120 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 120 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 116Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 117Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 118Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 119Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 120Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 121Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 122Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 123Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 124Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 120 of 129
Figure 13-1. 48-pin (300 mil) SSOP Package Outline
Figure 13-2. 48-pin QFN Package Outline
0.095
0.025
0.008
SEATING PLANE
0.420
0.088
.020
0.292
0.299
0.395
0.092
BSC
0.110
0.016
0.620
0.008
0.0135
0.630
DIMENSIONS IN INCHES MIN.
MAX.
0.040
0.024
0°-8°
GAUGE PLANE
.010
1
24
25
48
0.004
0.005
0.010
51-85061-*D
TOP VIEW
PIN 1 DOT
1.00 MAX.
48
BOTTOM VIEW
0.23±0.05
1
1
0.05 MAX.
0.20 REF.
SIDE VIEW
1. HATCH AREA IS SOLDERABLE EXPOSED METAL.
2. REFERENCE JEDEC#: MO-220
4. ALL DIMENSIONS ARE IN MM [MIN/MAX]
NOTES:
PART #
5. PACKAGE CODE
DESCRIPTION
3. PACKAGE WEIGHT: 0.13g
PAD
EXPOSED
SOLDERABLE
LASER MARK
PIN 1 ID
5.55 REF
0.50±0.10
5.55 REF
5.6±0.10
5.6±0.10
24
12
25
36
48
13
37
0.40±0.10
0.08 C
LEAD FREE
LT48D
7.00±0.10
7.00±0.10
12
25
36
13
24
37
001- 45616 *B
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com