Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 145 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 145 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 141Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 142Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 143Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 144Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 145Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 146Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 147Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 148Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 159 page
background image
Analog Integrated Circuit Device Data
145
Freescale Semiconductor
MC34708
Typical Applications
8.2
Bill of Material
The following table provides a complete list of the recommended components on a full featured system using the MC34708
Device. Critical components such as inductors, transistors, and diodes are provided with a recommended part number, but
equivalent components may be used.
Table 161. MC34708 Bill of Material (81)
Item
Quantity
Component
Description
Vendor
Comments
1
1
MC34708
Freescale
PMIC
Charger/Battery Interface
2
1
C1
10
F
TDK
Battery Filter
3
2
R1
20 mOhm
Battery Sense (Optional for battery current sensing)
4
1
C2
10
F
BP/ buck charging capacitor
5
1
C67
1 uF
VBUS 1 uF input cap
6
1
D2
Green LED
Green general purpose LED indicator
7
1
D1
Red LED
Red General purpose LED indicator
Miscellaneous
8
1
C56
1.0
F
VALWAYS
9
1
C43
100 nF
VSRTC
10
1
C50
1.0
F
VCORE
11
1
C51
1.0
F
VCOREDIG
12
1
C52
100 pF
VDDLP
13
1
C49
100 nF
VCOREREF
14
1
C46
100 nF
Coin cell
15
1
Y1
Crystal 32.768 kHz CC7
Oscillator
16
1
C44
18 pF
Oscillator load capacitor
17
1
C45
18 pF
Oscillator load capacitor
18
2
R3, R4
100 k
RESETB, RESETBMCU Pull-ups
19
1
R20
100 k
SDWNB Pull-up
Boost
20
1
L9
2.2
H LPS3015-222ML
Coilcraft
Boost Inductor
21
1
D3
Diode BAS52
Infineon
Boost diode
22
1
C26
2.2
F 16 V
Boost Output Capacitor
23
1
C25
22
F
Boost Input Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com