Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 142 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 142 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 138Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 139Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 140Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 141Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 142Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 143Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 144Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 145Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
142
MC34708
Functional Block Description
Table 153. Register 49, ADC6
Name
Bit #
R/W
Reset
Default
Description
Unused
1-0
R
0x0
Not available
ADRESULT4[9:0]
11-2
R
DIGRESETB
0x000
ADC Result for ADSEL4
Unused
13-12
R
0x0
Not available
ADRESULT5[9:0}
23-14
R
DIGRESETB
0x000
ADC Result for ADSEL5
Table 154. Register 50, ADC7
Name
Bit #
R/W
Reset
Default
Description
Unused
1:0
R
0x0
Not available
ADRESULT6[9:0]
11-2
R
DIGRESETB
0x000
ADC Result for ADSEL6
Unused
13-12
R
0x0
Not available
ADRESULT7[9:0]
23-14
R
DIGRESETB
0x000
ADC Result for ADSEL7
Table 155. Register 51, Input Monitoring
Name
Bit #
R/W
Reset
Default
Description
VBAT_TRKL[1:0]
1-0
R/W
RTCPORB
0x0
Trickle1 to Trickle2 change over threshold
00: 2.8 V
01: 2.9 V
10: 3.0 V
11: 3.1 V
Reserved
2
R
NONE
0x0
Reserved
CHREN
3
R/W
RTCPORB
0x1
Charger enable
LOWBATT[1:0]
5-4
R/W
RTCPORB
0x3
Turn on detection threshold and low battery warning
threshold
Reserved
23-6
R/W
NONE
0x00000 Reserved
Table 156. Register 52, Input Debounce
Name
Bit #
R/W
Reset
Default
Description
Reserved
1-0
R/W
NONE
0x0
Reserved
VBATTDB[1:0]
3-2
R/W
RESETB
0x3
Battery voltage debounce
VBUSDB[1:0]
5-4
R/W
RESETB
0x03
VBUS debounce
Reserved
9-6
R/W
NONE
0x0
Reserved
CHRGLEDOVRD
10
R/W
RESETB
0x0
LED override
Reserved
13-11
R/W
NONE
0x0
Reserved
SUP_OVP_DB[1:0]
15-14
R/W
RESETB
0x3
VBUS over voltage debounce
DIE_TEMP_DB[1:0]
17-16
R/W
RESETB
0x3
Die Temp Comparator Debounce
Reserved
23-18
R
NONE
0x00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com