Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 315Page - Renesas Technology Corp HD6417618 Datasheet HTML 316Page - Renesas Technology Corp HD6417618 Datasheet HTML 317Page - Renesas Technology Corp HD6417618 Datasheet HTML 318Page - Renesas Technology Corp HD6417618 Datasheet HTML 319Page - Renesas Technology Corp HD6417618 Datasheet HTML 320Page - Renesas Technology Corp HD6417618 Datasheet HTML 321Page - Renesas Technology Corp HD6417618 Datasheet HTML 322Page - Renesas Technology Corp HD6417618 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 287 of 610
REJ09B0131-0600
(2)
Receive Descriptor
Figure 12.3 shows the relationship between a receive descriptor and the receive buffer. In frame
reception, the E-DMAC performs data rewriting up to a receive buffer 16-byte boundary,
regardless of the receive frame length. Finally, the actual receive frame length is reported in the
lower 16 bits of RD1 in the descriptor. Data transfer to the receive buffer is performed
automatically by the E-DMAC to give a one frame/one buffer or one frame/multi-buffer
configuration according to the size of one received frame.
Receive descriptor
Receive buffer
Valid receive data
R
A
C
T
R
D
L
E
R
F
P
1
R
F
E
RFS26 to RFS0
RD0
RBL
RDL
RD1
RBA
Padding (4 bytes)
RD2
R
F
P
0
31 30 29 28 27 26
0
31
16
31
0
15
0
Figure 12.3 Relationship between Receive Descriptor and Receive Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com