Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 136Page - Renesas Technology Corp HD6417618 Datasheet HTML 137Page - Renesas Technology Corp HD6417618 Datasheet HTML 138Page - Renesas Technology Corp HD6417618 Datasheet HTML 139Page - Renesas Technology Corp HD6417618 Datasheet HTML 140Page - Renesas Technology Corp HD6417618 Datasheet HTML 141Page - Renesas Technology Corp HD6417618 Datasheet HTML 142Page - Renesas Technology Corp HD6417618 Datasheet HTML 143Page - Renesas Technology Corp HD6417618 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 108 of 610
REJ09B0131-0600
7.2
Input/Output Pins
Table 7.1 lists the pin configuration of the BSC.
Table 7.1
Pin Configuration
Abbreviation
I/O
Function
A25 to A0
Output
Address Bus*
D15 to D0
I/O
Data Bus
BS
Output
Bus Cycle Start
Asserted when a normal space, burst ROM (clock synchronous
/asynchronous), or PCMCIA is accessed. Asserted at the same timing
as
CAS assertion in SDRAM access.
CS0, CS3, CS4 Output Chip Select
CS5B/CE1A
Output
Chip Select
Chip enable for PCMCIA allocated to area 5 when PCMCIA is in use
CE2A
Output
Chip enable for PCMCIA allocated to area 5 when PCMCIA is in use
CS6B/CE1B
Output
Chip Select
Chip enable for PCMCIA allocated to area 6 when PCMCIA is in use
CE2B
Output
Chip enable for PCMCIA allocated to area 6 when PCMCIA is in use
RD/
WR
Output
Read/Write
Connects to
WE pins when SDRAM or byte-selection SRAM is used.
RD
Output
Read Pulse Signal (read data output enable signal)
Strobe signal to indicate a memory read cycle when PCMCIA is in use.
WE1(BE1)/WE Output Indicates that D15 to D8 are being written to.
Connected to the byte select signal when byte-selection SRAM is in
use.
Strove signal to indicate a memory write cycle when PCMCIA is in use.
WE0(BE0)
Output
Indicates that D7 to D0 are being written to.
Connected to the byte select signal when a byte-selection SRAM is in
use.
RAS
Output
Connected to
RAS pin when SDRAM is in use.
CAS
Output
Connected to
CAS pin when SDRAM is in use.
CKE
Output
Connected to CKE pin when SDRAM is in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com