Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 632 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 632 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 628Page - Renesas Technology Corp HD6417618 Datasheet HTML 629Page - Renesas Technology Corp HD6417618 Datasheet HTML 630Page - Renesas Technology Corp HD6417618 Datasheet HTML 631Page - Renesas Technology Corp HD6417618 Datasheet HTML 632Page - Renesas Technology Corp HD6417618 Datasheet HTML 633Page - Renesas Technology Corp HD6417618 Datasheet HTML 634Page - Renesas Technology Corp HD6417618 Datasheet HTML 635Page - Renesas Technology Corp HD6417618 Datasheet HTML 636Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 632 / 646 page
background image
Rev. 6.00 Jun. 12, 2007 Page 600 of 610
REJ09B0131-0600
Item
Page Revision (See Manual for Details)
14.4.3 Synchronous Operation
Clock
376
Amended
:
When only receiving, the clock signal outputs while the
RE bit of SCSCR is 1 and the number of data in receive
FIFO is less than the receive FIFO data trigger number.
In this case, 8
× (16 + 1) = 136 pulses of synchronous
clock are output. To perform reception of n characters
of data, select an external clock as the clock source. If
an internal clock should be used, set RE = 1 and TE =
1 and receive n characters of data simultaneously with
the transmission of n characters of dummy data.
Figure 14.13 Sample Flowchart
for Transmitting Serial Data
378
Amended
Start of transmission
Read TDFE flag in SCFSR
TDFE = 1?
Write transmit data to SCFTDR
Read TDFE and TEND flags
in SCFSR while they are 1, then
clear them to 0
No
Yes
[1] SCIF status check and transmit data
write:
Read SCFSR and check that the
TDFE flag is set to 1, then write
transmit data to SCFTDR. Read the
TDFE and TEND flags while they are
1, then clear them to 0.
[2] Serial transmission continuation
procedeure:
To continue serial transmission, read
1 from the TDFE flag to confirm that
writing is possible, them write data to
[1]
Figure 14.18 Sample Flowchart
for Transmitting/Receiving Serial
Data
382
Amended
Start of transmission and reception
Initialization
Read TDFE flag in SCFSR
TDFE = 1?
Write transmit data to SCFTDR
Read TDFE and TEND flags
in SCFSR while they are 1, then
clear them to 0
No
Yes
[1] SCIF status check and transmit data
write:
Read SCFSR and check that the
TDFE flag is set to 1, then write
transmit data to SCFTDR. Read the
TDFE and TEND flags while they are
1, then clear them to 0. The transition
of the TDFE flag from 0 to 1 can also
be identified by a TXI interrupt.
[2] Receive error handling:
Read the ORER flag in SCLSR to
identify any error, perform the
appropriate error handling, then clear
the ORER flag to 0. Reception cannot
be resumed while the ORER flag is
set to 1.
[3] SCIF status check and receive data
read:
[1]
19.6 Usage Notes
470
Added
2. Since the HIFMD pin is not initially set to function as
a general port pin, it must be pulled up or down
externally to fix its state.
3. When using a multiplexed pin with a function not
selected with its initial value (for example, using the
PB12/
CS3 pin, the initial function of which is PB12,
as the
CS3 pin), the pin must be pulled up or down
externally at least after a reset until its pin function is
selected by software to fix its state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com