Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 631 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 631 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 627Page - Renesas Technology Corp HD6417618 Datasheet HTML 628Page - Renesas Technology Corp HD6417618 Datasheet HTML 629Page - Renesas Technology Corp HD6417618 Datasheet HTML 630Page - Renesas Technology Corp HD6417618 Datasheet HTML 631Page - Renesas Technology Corp HD6417618 Datasheet HTML 632Page - Renesas Technology Corp HD6417618 Datasheet HTML 633Page - Renesas Technology Corp HD6417618 Datasheet HTML 634Page - Renesas Technology Corp HD6417618 Datasheet HTML 635Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 631 / 646 page
background image
Rev. 6.00 Jun. 12, 2007 Page 599 of 610
REJ09B0131-0600
Main Revisions and Additions in this Edition
Item
Page Revision (See Manual for Details)
1. Auto-refreshing
175
Amended
:
set so as to satisfy the SDRAM refreshing cycle time
(tRC). A Tpw cycle is inserted between the Tp cycle
and Trr cycle when the setting of bits WTRP1 and
WTRP0 in CSnWCR is longer than or equal to one
cycle.
Amended
Mode
Description
5
Transmit FIFO Data Empty
Indicates that data has been transferred from the transmit FIFO
data register (SCFTDR) to the transmit shift register (SCTSR), the
quantity of data in SCFTDR has become less than the transmission
trigger number specified by the TTRG1 and TTRG0 bits in the FIFO
control register (SCFCR), and writing of transmit data to SCFTDR is
enabled.
0: The quantity of transmit data written to SCFTDR is greater than
the specified transmission trigger number
[Clearing conditions]
•
TDFE is cleared to 0 when data exceeding the specified
transmission trigger number is written to SCFTDR after 1 is
read from TDFE and then 0 is written
•
TDFE is cleared to 0 when DMAC write data exceeding the
specified transmission trigger number to SCFTDR
1: The quantity of transmit data in SCFTDR is equal to or less than
the specified transmission trigger number*
[Setting conditions]
•
TDFE is set to 1 by a power-on reset
•
TDFE is set to 1 when the quantity of transmit data in
SCFTDR has become equal to or less than the specified
transmission trigger number as a result of transmission
Note: *
Since SCFTDR is a 16-byte FIFO register, the
maximum quantity of data that can be written when TDFE is 1 is "16
minus the specified transmission trigger number". If an attempt is
made to write additional data, the data is ignored. The quantity of
data in SCFTDR is indicated by the upper 8 bits of SCFDR.
14.3.7 Serial Status Register
(SCFSR)
341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com