Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 528 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 528 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 524Page - Renesas Technology Corp HD6417618 Datasheet HTML 525Page - Renesas Technology Corp HD6417618 Datasheet HTML 526Page - Renesas Technology Corp HD6417618 Datasheet HTML 527Page - Renesas Technology Corp HD6417618 Datasheet HTML 528Page - Renesas Technology Corp HD6417618 Datasheet HTML 529Page - Renesas Technology Corp HD6417618 Datasheet HTML 530Page - Renesas Technology Corp HD6417618 Datasheet HTML 531Page - Renesas Technology Corp HD6417618 Datasheet HTML 532Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 646 page
background image
Section 19 User Debugging Interface (H-UDI)
Rev. 6.00 Jun. 12, 2007 Page 496 of 610
REJ09B0131-0600
19.3
Register Descriptions
The H-UDI has the following registers. For details on the addresses of these registers and the
states of these registers in each processing state, see section 20, List of Registers.
• Bypass register (SDBPR)
• Instruction register (SDIR)
• Boundary scan register (SDBSR)
• ID register (SDID)
19.3.1
Bypass Register (SDBPR)
SDBPR is a 1-bit register that cannot be accessed by the CPU. When SDIR is set to the bypass
mode, SDBPR is connected between H-UDI pins (TDI and TDO). The initial value is undefined.
19.3.2
Instruction Register (SDIR)
SDIR is a 16-bit read-only register. This register is in JTAG IDCODE in its initial state. It is
initialized by
TRST assertion or in the TAP test-logic-reset state, and can be written to by the H-
UDI irrespective of the CPU mode. Operation is not guaranteed if a reserved command is set in
this register.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 13
TI7 to TI5
All 1
R
12
TI4
0
R
11 to 8
TI3 to TI0
All 1
R
Test Instruction 7 to 0
The H-UDI instruction is transferred to SDIR by a
serial input from TDI.
For commands, see table 19.2.
7 to 2
All 1
R
Reserved
These bits are always read as 1.
1
0
R
Reserved
This bit is always read as 0.
0
1
R
Reserved
This bit is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com