Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 342 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 342 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 338Page - Renesas Technology Corp HD6417618 Datasheet HTML 339Page - Renesas Technology Corp HD6417618 Datasheet HTML 340Page - Renesas Technology Corp HD6417618 Datasheet HTML 341Page - Renesas Technology Corp HD6417618 Datasheet HTML 342Page - Renesas Technology Corp HD6417618 Datasheet HTML 343Page - Renesas Technology Corp HD6417618 Datasheet HTML 344Page - Renesas Technology Corp HD6417618 Datasheet HTML 345Page - Renesas Technology Corp HD6417618 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 310 of 610
REJ09B0131-0600
Yes
Yes
Yes
Next transmission task
generated?
TACT = 0?
1.
3.
2.
4.
5.
8.
5.
6.
7.
8.
9.
No
No
Yes
Yes
No
No
No
Prepare multiple transmit descriptors.
Transmission starts.
Transmission task
End
After setting the transmit descriptor,
set the TR bit in EDTRR to 1.
Read the TACT bit of the
corresponding transmit descriptor.
After setting the corresponding transmit
descriptor, set the TR bit in EDTRR to 1.
Read the TACT bit of
the corresponding
transmit descriptor.
TACT = 0?
Specified constant
period elapsed?
i = 0;
Start the timer.
Stop the timer.
Issue a software reset to
initialize the EtherC and
E-DMAC modules.
i >= n?
i++;
Make initial settings for the timer.
*2
*1
Make initial settings of the
EtherC and E-DMAC modules.
Initialize the transmit/receive
descriptors and transmit/receive
buffers.
Notes: 1. The specified constant period is the timeout period mentioned in section 12.4.1, Usage Notes on SH-Ether EtherC/E-DMAC
Status Register(EESR).
2. Set n with reference to the maximum specified time values in table 12.2.
: Processing added as the countermeasure for the problem
Figure 12.12 Processing Transmission without Handling of the TC Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com