Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 132Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 133Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 134Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 135Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 136Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 137Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 138Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 139Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
136
MC34708
Functional Block Description
SRE[1:0]
15-14
R/W
RESETB
0x0
Slew rate enable
00: slow (default)
01: normal
10: fast
11: very fast
Unused
23-16
R
0x00
Not available
Table 142. Register 37, USB timing
Name
Bit #
R/W
Reset
Default
Description
DEVICE_WAKE_UP[3:0]
3-0
R/W
MUSBRSTB
0x0
The periodical sampling time of the ID line in the Power-Save
mode and Standby mode; the periodical time of ADC
conversion of the resistance at ID pin when RAW DATA = 0.
0000: 50 ms
0001: 100 ms
0010: 150 ms
0011: 200 ms
0100: 300 ms
KEYPRESS[3:0]
7-4
R/W
MUSBRSTB
0x0
Normal key press duration
0000: 100 ms
0001: 200 ms
0010: 300 ms
...
LONG_KEYPRESS[3:0]
11-8
R/W
MUSBRSTB
0x0
Long key press duration
0000: 300 ms
0001: 400 ms
0010: 500 ms
...
SWITCHING_WAIT
15-12
R/W
MUSBRSTB
0x0
Waiting time before switching the analog or digital switches:
0000: 10 ms
0001: 30 ms
0010: 50 ms
...
TD
19-16
R/W
MUSBRSTB
0x0
Time delay to start the powered accessory identification flow
after detecting the bus voltage
0000: 100 ms
0001: 200 ms
0010: 300 ms
0011: 400 ms
0100: 500 ms
...
1111:1600 ms
The time for no activity in the switches before entering the
Power Save mode automatically for Audio Type 1 or TTY
device
0000: 1 s
0001: 2 s
...
1001:10s
...
1111:16 s
Table 141. Register 36, GPIOLV3 Control
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com