Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 496 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 492Page - Renesas Technology Corp HD6417618 Datasheet HTML 493Page - Renesas Technology Corp HD6417618 Datasheet HTML 494Page - Renesas Technology Corp HD6417618 Datasheet HTML 495Page - Renesas Technology Corp HD6417618 Datasheet HTML 496Page - Renesas Technology Corp HD6417618 Datasheet HTML 497Page - Renesas Technology Corp HD6417618 Datasheet HTML 498Page - Renesas Technology Corp HD6417618 Datasheet HTML 499Page - Renesas Technology Corp HD6417618 Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 646 page
background image
Section 17 I/O Ports
Rev. 6.00 Jun. 12, 2007 Page 464 of 610
REJ09B0131-0600
17.4
Port D
Port D of this LSI is an I/O port with eight pins as shown in figure 17.4.
PD0 (input/output)/RQ0 (input)
PD1 (input/output)/IRQ1 (input)
PD2 (input/output)/IRQ2 (input)/TxD1 (output)
PD3 (input/output)/IRQ3 (input)/RxD1 (input)
PD4 (input/output)/IRQ4 (input)/SCK1 (input/output)
PD5 (input/output)/IRQ5 (input)/TxD2 (output)
PD6 (input/output)/IRQ6 (input)/RxD2 (input)
PD7 (input/output)/IRQ7 (input)/SCK2 (input/output)
Port B
Figure 17.4 Port D
17.4.1
Register Description
Port D is an 8-bit I/O port that has a following register. For details on the address of this register
and the states of this register in each processing state, see section 20, List of Registers.
• Port D data register L (PDDRL)
17.4.2
Port D Data Register L (PDDRL)
PDDRL is a 16-bit readable/writable register which stores data for port D. Bits PD7DR to PD0DR
correspond to pins PD7 to PD0. (Description of multiplexed functions is omitted.)
When the pin function is general output port, if the value is written to PDDRL, the value is output
from the pin; if PDDRL is read, the value written to the register is directly read regardless of the
pin state.
When the pin function is general input port, not the value of register but pin state is directly read if
PDDRL is read. Data can be written to PDDRL but no effect on the pin state. Table 17.4 shows
the reading/writing function of the port D data register L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com