Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 213 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 213 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 209Page - STMicroelectronics STM32H562II Datasheet HTML 210Page - STMicroelectronics STM32H562II Datasheet HTML 211Page - STMicroelectronics STM32H562II Datasheet HTML 212Page - STMicroelectronics STM32H562II Datasheet HTML 213Page - STMicroelectronics STM32H562II Datasheet HTML 214Page - STMicroelectronics STM32H562II Datasheet HTML 215Page - STMicroelectronics STM32H562II Datasheet HTML 216Page - STMicroelectronics STM32H562II Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 270 page
background image
DS14258 Rev 5
213/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Gain
Gain error(5)
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ
--
±1
%
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±1
TUE
Total unadjusted error
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ
--
±30
LSB
DAC output buffer OFF,
CL≤50 pF, no RL
±12
TUECal
Total unadjusted error
after calibration
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ
--
±23
SNR
Signal-to-noise ratio(6)
DAC output buffer ON, CL≤50 pF,
RL ≥5 kΩ, 1 kHz, BW = 500 kHz
-
67.8
-
dB
DAC output buffer OFF, CL ≤ 50 pF,
no RL,1 kHz, BW = 500 kHz
-
67.8
-
THD
Total harmonic
distortion(6)
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ, 1 kHz
-
−78.6
-
DAC output buffer OFF,
CL ≤ 50 pF, no RL, 1 kHz
-
−78.6
-
SINAD
Signal-to-noise and
distortion ratio(6)
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ, 1 kHz
-
67.5
-
DAC output buffer OFF,
CL ≤ 50 pF, no RL, 1 kHz
-
67.5
-
ENOB
Effective number of
bits
DAC output buffer ON,
CL≤50 pF, RL ≥ 5 kΩ, 1 kHz
-
10.9
-
bits
DAC output buffer OFF,
CL ≤ 50 pF, no RL, 1 kHz
-
10.9
-
1. Evaluated by characterization - Not tested in production.
2. Difference between two consecutive codes minus 1 LSB.
3. Difference between the value measured at Code i and the value measured at Code i on a line drawn between Code 0 and
last Code 4095.
4. Difference between the value measured at Code (0x001) and the ideal value.
5. Difference between the ideal slope of the transfer function and the measured slope computed from code 0x000 and 0xFFF
when the buffer is OFF, and from code giving 0.2 V and (VREF+ - 0.2 V) when the buffer is ON.
6. Signal is −0.5 dBFS with Fsampling = 1 MHz.
Table 99. DAC accuracy(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com