Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 96Page - STMicroelectronics STM32H562II Datasheet HTML 97Page - STMicroelectronics STM32H562II Datasheet HTML 98Page - STMicroelectronics STM32H562II Datasheet HTML 99Page - STMicroelectronics STM32H562II Datasheet HTML 100Page - STMicroelectronics STM32H562II Datasheet HTML 101Page - STMicroelectronics STM32H562II Datasheet HTML 102Page - STMicroelectronics STM32H562II Datasheet HTML 103Page - STMicroelectronics STM32H562II Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 270 page
background image
-
-
141
C5
170
B4
-
-
-
D5
170
A3
-
PE1
I/O
FT_h
-
LPTIM1_IN2, UART8_TX,
FDCAN1_TX, FMC_NBL1,
DCMI_D3/PSSI_D3, EVENTOUT
-
A9
98
142
A4
171
A3
62
98
142
B4
171
C6
66
VCAP
S
-
-
-
-
-
99
143
-
-
-
63
99
143
B3
-
-
67
VSS
S
-
-
-
-
-
100
144
-
172
-
64
100
144
A3
172
-
68
VDD
S
-
-
-
-
-
-
-
C4173
B3
-
-
-
C4173
D4
-
PI4
I/O
FT_h
-
TIM8_BKIN, SPI2_RDY,
SAI2_MCLK_A,
DCMI_D5/PSSI_D5, EVENTOUT
-
-
-
-
B3
174
A2
--
--
174
C4
-
PI5
I/O
FT_h
-
TIM8_CH1, SAI2_SCK_A,
DCMI_VSYNC/PSSI_RDY,
EVENTOUT
-
-
-
-
A2
175
C4
-
-
-
C3
175
C3
-
PI6
I/O
FT_h
-
TIM8_CH2, SAI2_SD_A,
DCMI_D6/PSSI_D6, EVENTOUT
-
-
-
-A1
176
A1
-
-
-A2
176
C2
-
PI7
I/O
FT_h
-
TIM8_CH3, SAI2_FS_A,
DCMI_D7/PSSI_D7, EVENTOUT
-
-
-
--
-
F6
-
--
--
F6
-
VSS
S
-
-
-
-
-
-
--
-
F7
-
--
--
F7
-
VSS
S
-
-
-
-
-
-
--
-
F8
-
--
--
F8
-
VSS
S
-
-
-
-
-
-
--
-
F9
-
--
--
F9
-
VSS
S
-
-
-
-
-
-
-
-
-
F10
--
--
-
F10
-
VSS
S
-
-
-
-
-
-
--
-
G6
-
--
--
G6
-
VSS
S
-
-
-
-
-
-
--
-
G7
-
--
--
G7
-
VSS
S
-
-
-
-
-
-
--
-
G8
-
--
--
G8
-
VSS
S
-
-
-
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com