Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 52Page - STMicroelectronics STM32H562II Datasheet HTML 53Page - STMicroelectronics STM32H562II Datasheet HTML 54Page - STMicroelectronics STM32H562II Datasheet HTML 55Page - STMicroelectronics STM32H562II Datasheet HTML 56Page - STMicroelectronics STM32H562II Datasheet HTML 57Page - STMicroelectronics STM32H562II Datasheet HTML 58Page - STMicroelectronics STM32H562II Datasheet HTML 59Page - STMicroelectronics STM32H562II Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
56/270
DS14258 Rev 5
•
Multiprocessor communications: wake-up from Mute mode by idle line detection or
address mark detection
•
Wake-up from Stop capability
3.38
Serial peripheral interface (SPI) / inter-integrated sound
interfaces (I2S)
The devices embed six serial peripheral interfaces (SPI) that can be used to communicate
with external devices while using the specific synchronous protocol. The SPI protocol
supports half-duplex, full-duplex and simplex synchronous, serial communication with
external devices.
The interface can be configured as master or slave, and can operate in multi-slave or multi-
master configurations. The device configured as master provides communication clock
(SCK) to the slave device. The slave select (SS) and ready (RDY) signals can be applied
optionally just to set up communication with concrete slave and to assure it handles the data
flow properly. The Motorola data format is used by default, but some other specific modes
are supported as well.
The SPI main features are:
•
Full-duplex synchronous transfers on three lines
•
Half-duplex synchronous transfer on two lines (with bidirectional data line)
•
Simplex synchronous transfers on two lines (with unidirectional data line)
•
4-bit to 32-bit data size selection or fixed to 8-bit and 16-bit only
•
Multi master or multi slave mode capability
•
Dual-clock domain, separated clock for the peripheral kernel that can be independent
of PCLK
•
Baud rate prescaler up to kernel frequency divided by 2 or bypass from RCC in Master
mode
•
Protection of configuration and setting
•
Hardware or software management of SS for both master and slave
•
Adjustable minimum delays between data and between SS and data flow
•
Configurable SS signal polarity and timing, MISO x MOSI swap capability
•
Programmable clock polarity and phase
•
Programmable data order with MSB-first or LSB-first shifting
•
Programmable number of data within a transaction to control SS and CRC
•
Dedicated transmission and reception flags with interrupt capability
•
SPI Motorola and TI formats support
•
Hardware CRC feature can secure communication at the end of transaction by:
–
Adding CRC value in Tx mode
–
Automatic CRC error checking for Rx mode
•
Error detection with interrupt capability in case of data overrun, CRC error, data
underrun at slave, mode fault at master
•
Two 16x or 8x 8-bit embedded Rx and TxFIFOs with DMA capability
•
Programmable number of data in transaction
•
Configurable FIFO thresholds (data packing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com