Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 91Page - STMicroelectronics STM32H562II Datasheet HTML 92Page - STMicroelectronics STM32H562II Datasheet HTML 93Page - STMicroelectronics STM32H562II Datasheet HTML 94Page - STMicroelectronics STM32H562II Datasheet HTML 95Page - STMicroelectronics STM32H562II Datasheet HTML 96Page - STMicroelectronics STM32H562II Datasheet HTML 97Page - STMicroelectronics STM32H562II Datasheet HTML 98Page - STMicroelectronics STM32H562II Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 270 page
background image
-
-
-
B11
-
D11
-
-
-
-
-
-
-
VSS
S
-
-
-
-
-
-
-
A11
-
D10
--
--
-
-
-
VDD
S
-
-
-
-
A3
81
114
C9
142
B12
-
81
114
D9
142
B12
-
PD0
I/O
FT_h
-
TIM8_CH4N, UART4_RX,
FDCAN1_RX, UART9_CTS,
FMC_D2/FMC_AD2, EVENTOUT
-
B4
82
115
B9
143
A13
-
82
115
E9
143 C12
-
PD1
I/O
FT_h
-
UART4_TX, FDCAN1_TX,
FMC_D3/FMC_AD3, EVENTOUT
-
A5
83
116
E8
144 C10
54
83
116
C9
144 D12
-
PD2
I/O
FT_h
-
TRACED2, TIM3_ETR,
TIM15_BKIN, UART5_RX,
SDMMC1_CMD,
DCMI_D11/PSSI_D11,
LPTIM4_ETR, EVENTOUT
WKUP7
-
84
117
C8
145
A12
-
84
117
A9
145
D11
-
PD3
I/O
FT_h
-
SPI2_SCK/I2S2_CK,
USART2_CTS/USART2_NSS,
FMC_CLK, DCMI_D5/PSSI_D5,
EVENTOUT
WKUP8
-
85
118
D8
146
B11
-
85
118
F8
146 D10
-
PD4
I/O
FT_h
-
USART2_RTS/USART2_DE,
OCTOSPI1_IO4, FMC_NOE,
EVENTOUT
-
-
86
119
A7
147
A11
-
86
119
D8
147
C11
-
PD5
I/O
FT_h
-
TIM1_CH4N, SPI2_RDY,
USART2_TX, FDCAN1_TX,
OCTOSPI1_IO5, FMC_NWE,
EVENTOUT
-
-
-
120
-
148
-
-
-
120
B7
148
D8
-
VSS
S
-
-
-
-
-
-
121A6149
D7
-
-
121A7149
C8
-
VDDIO2
S
-
-
-
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com