Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 42Page - STMicroelectronics STM32H562II Datasheet HTML 43Page - STMicroelectronics STM32H562II Datasheet HTML 44Page - STMicroelectronics STM32H562II Datasheet HTML 45Page - STMicroelectronics STM32H562II Datasheet HTML 46Page - STMicroelectronics STM32H562II Datasheet HTML 47Page - STMicroelectronics STM32H562II Datasheet HTML 48Page - STMicroelectronics STM32H562II Datasheet HTML 49Page - STMicroelectronics STM32H562II Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
46/270
DS14258 Rev 5
The PKA main features are:
•
ECDSA signature verification
•
Capability to handle operands up to 640 bits
•
AMBA AHB slave peripheral, accessible through 32-bit word single accesses only
(otherwise an AHB bus error is generated, and write accesses are ignored)
3.33
Timers and watchdogs
The devices include two advanced control timers, up to seven general-purpose timers, two
basic timers, six low-power timers, two watchdog timers and two SysTick timers.
Table 6 compares the features of the advanced control, general-purpose and basic timers.
3.33.1
Advanced-control timers (TIM1, TIM8)
These timers can be seen as a three-phase PWM multiplexed on six channels. They have
complementary PWM outputs with programmable inserted dead-times. They can also be
seen as complete general-purpose timers.
The four independent channels can be used for:
•
Input capture
•
Output compare
•
PWM generation (edge or center-aligned modes) with full modulation capability
(0 - 100 %)
•
One-pulse mode output
In Debug mode, the advanced-control timer counter can be frozen and the PWM outputs
disabled to turn off any power switches driven by these outputs.
Many features are shared with the general-purpose TIMx timers (described in the next
section) using the same architecture, so the advanced-control timers can work together with
the TIMx timers via the Timer Link feature for synchronization or event chaining.
Table 6. Timer features
Type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
control
TIM1, TIM8
16 bits
Up, down,
up/down
Any integer
between 1 and
65536
Yes
43
General
purpose
TIM2, TIM5
32 bits
4
No
TIM3, TIM4
16 bits
4
No
General
purpose
TIM12, TIM15
16 bits
Up
21
TIM13, TIM14,
TIM16, TIM17
11
Basic
TIM6, TIM7
16 bits
Up
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com