Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 89Page - STMicroelectronics STM32H562II Datasheet HTML 90Page - STMicroelectronics STM32H562II Datasheet HTML 91Page - STMicroelectronics STM32H562II Datasheet HTML 92Page - STMicroelectronics STM32H562II Datasheet HTML 93Page - STMicroelectronics STM32H562II Datasheet HTML 94Page - STMicroelectronics STM32H562II Datasheet HTML 95Page - STMicroelectronics STM32H562II Datasheet HTML 96Page - STMicroelectronics STM32H562II Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 270 page
background image
F4
72
105 D12 124
E13
46
72
105
E12
124
A15
49
PA13
(JTMS/SWDIO)
I/O
FT
(7)
JTMS/SWDIO, EVENTOUT
-
-
74
107
E12
126 D14
47
74
107 C12 126
F12
50
VSS
S
-
-
-
-
-
75
108 D13 127
E12
48
75
108 C13 127
F13
51
VDD
S
-
-
-
-
B2
73
106
E13
125
F12
-
73
106 D13 125 H13
-
VDDUSB
S
-
-
-
-
-
-
-
C12 128
B15
-
-
-
D12 128
E12
-
PH13
I/O
FT_h
-
LPTIM1_IN2, TIM8_CH1N,
UART8_TX, UART4_TX,
FDCAN1_TX, DCMI_D3/PSSI_D3,
EVENTOUT
-
-
-
-
D11
129 D13
-
-
-
D10 129
E13
-
PH14
I/O
FT_h
-
TIM8_CH2N, UART4_RX,
FDCAN1_RX,
DCMI_D4/PSSI_D4, EVENTOUT
-
-
-
-
A13
130 C14
-
-
-
D11
130 D13
-
PH15
I/O
FT_h
-
TIM8_CH3N,
DCMI_D11/PSSI_D11,
EVENTOUT
-
-
-
-
B12
131
-
-
-
-
B13
131
E14
-
PI0
I/O
FT_h
-
TIM5_CH4, SPI2_NSS/I2S2_WS,
DCMI_D13/PSSI_D13,
EVENTOUT
-
-
-
-
C11
132
A15
-
-
-
B12
132 D14
-
PI1
I/O
FT_h
-
TIM8_BKIN2,
SPI2_SCK/I2S2_CK,
DCMI_D8/PSSI_D8, EVENTOUT
-
-
-
-
D10 133
B14
-
-
-
A13
133 C14
-
PI2
I/O
FT_h
-
TIM8_CH4, SPI2_MISO/I2S2_SDI,
DCMI_D9/PSSI_D9, EVENTOUT
-
-
-
-
A12
134
A14
-
-
-
C11
134 C13
-
PI3
I/O
FT_h
-
TIM8_ETR,
SPI2_MOSI/I2S2_SDO,
DCMI_D10/PSSI_D10,
EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com