Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 55Page - STMicroelectronics STM32H562II Datasheet HTML 56Page - STMicroelectronics STM32H562II Datasheet HTML 57Page - STMicroelectronics STM32H562II Datasheet HTML 58Page - STMicroelectronics STM32H562II Datasheet HTML 59Page - STMicroelectronics STM32H562II Datasheet HTML 60Page - STMicroelectronics STM32H562II Datasheet HTML 61Page - STMicroelectronics STM32H562II Datasheet HTML 62Page - STMicroelectronics STM32H562II Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 270 page
background image
DS14258 Rev 5
59/270
STM32H562xx and STM32H563xx
Functional overview
62
3.40
Secure digital input/output and MultiMediaCards interface
(SDMMC)
The SD/SDIO, embedded MultiMediaCard (eMMC™) host interface (SDMMC) provides an
interface between the AHB bus and SD memory cards, SDIO cards, and eMMC devices.
The MultiMediaCard system specifications are available through the MultiMediaCard
association website at www.mmca.org, published by the MMCA technical committee.
SD memory card and SD I/O card system specifications are available through the SD card
association website at www.sdcard.org.
The SDMMC features include the following:
•
Compliance with Embedded MultiMediaCard System Specification Version 5.1
Card support for three different databus modes: 1-bit (default), 4-bit and 8-bit (HS200
SDMMC_CK speed limited to maximum allowed I/O speed, HS400 is not supported).
•
Full compatibility with previous versions of MultiMediaCards (backward compatibility).
•
Full compliance with SD memory card specifications version 6.0
(SDR104 SDMMC_CK speed limited to maximum allowed I/O speed, SPI mode and
UHS-II mode not supported).
•
Full compliance with SDIO card specification version 4.0
Card support for two different databus modes: 1-bit (default) and 4-bit (SDR104
SDMMC_CK speed limited to maximum allowed I/O speed, SPI mode and UHS-II
mode not supported).
•
Data transfer up to 208 Mbyte/s for the 8-bit mode, depending maximum allowed I/O
speed.
•
Data and command output enable signals to control external bidirectional drivers
•
IDMA linked list support
The MultiMediaCard/SD bus connects cards to the host.
The current version of the SDMMC supports only one SD/SDIO/eMMC card at any one time
and a stack of eMMC.
Table 12. SDMMC features
Mode/feature(1)
1. X = supported.
SDMMC1
SDMMC2
Variable delay (SDR104, HS200)
X
X
SDMMC_CKIN
X
X
SDMMC_CDIR, SDMMC_D0DIR
X
-
SDMMC_D123DIR
X
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com