Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 78Page - STMicroelectronics STM32H562II Datasheet HTML 79Page - STMicroelectronics STM32H562II Datasheet HTML 80Page - STMicroelectronics STM32H562II Datasheet HTML 81Page - STMicroelectronics STM32H562II Datasheet HTML 82Page - STMicroelectronics STM32H562II Datasheet HTML 83Page - STMicroelectronics STM32H562II Datasheet HTML 84Page - STMicroelectronics STM32H562II Datasheet HTML 85Page - STMicroelectronics STM32H562II Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 270 page
background image
R9
28
39
M4
47
M5
20
29
40
L4
50
N4
20
PA4
I/O
TT_a
-
TIM5_ETR, LPTIM2_CH1,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART2_CK, SPI6_NSS,
DCMI_HSYNC/PSSI_DE,
EVENTOUT
ADC12_INP18, DAC1_OUT1
L7
29
40
J5
48
R3
21
30
41
K4
51
P4
21
PA5
I/O
TT_ah
-
TIM2_CH1, TIM8_CH1N,
SPI1_SCK/I2S1_CK, SPI6_SCK,
ETH_MII_TX_EN/ETH_RMII_TX_
EN, PSSI_D14, TIM2_ETR,
EVENTOUT
ADC12_INP19,
ADC12_INN18,
DAC1_OUT2
H6
30
41
N4
49
P5
22
31
42
M5
52
P3
22
PA6
I/O
FT_ah
-
TIM1_BKIN, TIM3_CH1,
TIM8_BKIN,
SPI1_MISO/I2S1_SDI,
OCTOSPI1_IO3, USART11_TX,
SPI6_MISO, TIM13_CH1,
DCMI_PIXCLK/PSSI_PDCK,
EVENTOUT
ADC12_INP3
K6
31
42
K5
50
R4
23
32
43
K5
53
R3
23
PA7
I/O
FT_ah
-
TIM1_CH1N, TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI/I2S1_SDO,
USART11_RX, SPI6_MOSI,
TIM14_CH1, OCTOSPI1_IO2,
ETH_MII_RX_DV/ETH_RMII_CRS
_DV, FMC_SDNWE, FMC_NWE,
EVENTOUT
ADC12_INP7, ADC12_INN3
M6
-
-
L5
51
N4
24
33
44
N5
54
N5
24
PC4
I/O
FT_a
-
TIM2_CH4, SAI1_CK1,
LPTIM2_ETR, I2S1_MCK,
USART3_RX,
ETH_MII_RXD0/ETH_RMII_RXD0
, FMC_SDNE0, EVENTOUT
ADC12_INP4
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com