Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 21Page - STMicroelectronics STM32H562II Datasheet HTML 22Page - STMicroelectronics STM32H562II Datasheet HTML 23Page - STMicroelectronics STM32H562II Datasheet HTML 24Page - STMicroelectronics STM32H562II Datasheet HTML 25Page - STMicroelectronics STM32H562II Datasheet HTML 26Page - STMicroelectronics STM32H562II Datasheet HTML 27Page - STMicroelectronics STM32H562II Datasheet HTML 28Page - STMicroelectronics STM32H562II Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 270 page
background image
DS14258 Rev 5
25/270
STM32H562xx and STM32H563xx
Functional overview
62
When TrustZone is enabled the boot space must be in secure area. SECBOOTADD0[24:0]
option bytes are used to select the boot secure memory address. A unique boot entry option
can be selected by setting the SECBOOT_LOCK option bit.
3.8
Global TrustZone controller (GTZC)
GTZC is used to configure TrustZone and privileged attributes within the full system.
The GTZC includes three different sub-blocks:
•
TZSC: TrustZone security controller
This sub-block defines the secure/privilege state of slave/master peripherals. It also
controls the nonsecure area size for the watermark memory peripheral controller
(MPCWM). The TZSC block informs some peripherals (such as RCC or GPIOs) about
the secure status of each securable peripheral, by sharing with RCC and I/O logic.
•
TZIC: TrustZone illegal access controller
This sub-block gathers all security illegal access events in the system and generates a
secure interrupt towards NVIC.
•
MPCBB: MPCBB: block-based memory protection controller
This sub-block controls secure states of all memory blocks (512-byte pages) of the
associated SRAM. This peripheral aims at configuring the internal RAM in a TrustZone
system product having segmented SRAM with programmable-security and privileged
attributes.
Provisioned, Closed,
Locked
x
NSBOOTADD[31:8]
Boot address defined
by user option byte
NSBOOTADD[31:8]
Flash: 0x0800 0000
Table 3. STM32H562/H563 boot mode when TrustZone is disabled (TZEN = 0xC3) (continued)
PRODUCT_STATE
BOOT0 pin
Boot address
option byte selection
Boot area
ST programmed
default value
Table 4. STM32H562/H563 boot mode when TrustZone is enabled (TZEN = 0xB4)
PRODUCT_STATE
BOOT0 pin
Boot address option-
byte selection
Boot area
ST programmed
default value
Open
0
SECBOOTADD[31:8]
Boot address defined by
user option byte
SECBOOTADD[31:8]
Flash: 0x0C00 0000
-
1
NA
Bootloader
Bootloader
Provisioning
x
NA
RSS
RSS
Provisioned,
TZ_Closed,
Closed, Locked
x
SECBOOTADD[31:8]
Boot address defined by
user option byte
SECBOOTADD[31:8]
Flash: 0x0C00 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com